Electronic Components Datasheet Search
  English  ▼

X  

DS2181A Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2181A
Description  CEPT Primary Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2181A Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2181A Datasheet HTML 1Page - Dallas Semiconductor DS2181A Datasheet HTML 2Page - Dallas Semiconductor DS2181A Datasheet HTML 3Page - Dallas Semiconductor DS2181A Datasheet HTML 4Page - Dallas Semiconductor DS2181A Datasheet HTML 5Page - Dallas Semiconductor DS2181A Datasheet HTML 6Page - Dallas Semiconductor DS2181A Datasheet HTML 7Page - Dallas Semiconductor DS2181A Datasheet HTML 8Page - Dallas Semiconductor DS2181A Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DS2181A
4 of 32
NOTES:
1. These output status pins are only available on the DS2181AQ.
2. If the TEST pin is tied low and CCR.1=0, then these pins will be tri–stated.
RECEIVE PIN DESCRIPTION (40-PIN DIP ONLY) Table 2B
PIN
SYMBOL
TYPE
DESCRIPTION
21
RRA
O
Receive Remote Alarm. Transitions high when alarm detected;
returns low when alarm cleared.
22
RMDA
O
Receive Distant Multiframe Alarm. Transitions high when alarm
detected; returns low when alarm cleared.
23
RAF
O
Receive Alignment Frame. High during frames containing the frame
alignment signal, low otherwise.
24
RCLK
I
Receive Clock. 2.048 MHz primary clock.
25
RCHCLK
O
Receive Channel Clock. 256 kHz clock, identifies timeslot
boundaries; useful for serial-to-parallel conversion of channel data.
26
RSER
O
Receive Channel Clock. 256 kHz clock, identifies timeslot
boundaries; useful for serial-to-parallel conversion of channel data.
27
RFSYNC
O
Receive Frame Sync. Trailing edge indicates start of frame.
28
RMSYNC
O
Receive Multiframe Sync. Low-high transition indicates start of
CAS multiframe; held high during frame 0.
29
RSD
O
Receive Signaling Data. Extracted timeslot 16 data; updated on
rising edge of RCLK.
30
RSTS
O
Receive Signaling Timeslot. High during timeslot 16 of every frame,
low otherwise.
31
RCSYNC
O
Receive CRC4 Sync. Low-high transition indicates start of CRC4
multiframe; held high during CRC4 frames 0 through 7 and held low
during frames 8 through 15.
33
RST
I
Reset. Must be asserted during device power-up and when changing
to/from the hardware mode.
34
35
RPOS
RNEG
I
Receive Bipolar Data. Sampled on falling edges of RCLK. Tie
together to receive NRZ data and disable BPV monitor circuitry.
36
RCL
O
Receive Carrier Loss. Low-high transition indicates loss of carrier.
37
RBV
O
Receive Bipolar Violation. Pulses high during detected bipolar
violations.
38
RFER
O
Receive Frame Error. Pulses high when frame alignment, CAS
multiframe alignment or CRC4 words received in error.
39
RLOS
O
Receive Loss of Sync. Indicates synchronizer status; high when
frame, CAS and/or CRC4 multiframe search underway, low
otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com