Electronic Components Datasheet Search
  English  ▼

X  

DS2182A Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2182A
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182A Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2182A Datasheet HTML 1Page - Dallas Semiconductor DS2182A Datasheet HTML 2Page - Dallas Semiconductor DS2182A Datasheet HTML 3Page - Dallas Semiconductor DS2182A Datasheet HTML 4Page - Dallas Semiconductor DS2182A Datasheet HTML 5Page - Dallas Semiconductor DS2182A Datasheet HTML 6Page - Dallas Semiconductor DS2182A Datasheet HTML 7Page - Dallas Semiconductor DS2182A Datasheet HTML 8Page - Dallas Semiconductor DS2182A Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS2182A
4 of 25
PIN DESCRIPTION Table 2
PIN
SYMBOL
TYPE
DESCRIPTION
1
INT
O
Receive Alarm Interrupt. Flags host controller during alarm conditions.
Active low; open drain output.
2
SDI
I
Serial Data In. Data for onboard registers. Sampled on rising edge of SCLK.
3
SDO
O
Serial Data Out. Control and status information from onboard registers.
Updated on falling edge of SCLK; tri-stated during serial port write or
when CS is high.
4
CS
I
Chip Select. Must be low to read or write the serial port.
5
SCLK
I
Serial Data Clock. Used to read or write the serial port registers.
POWER AND TEST PIN DESCRIPTION Table 3
PIN
SYMBOL
TYPE
DESCRIPTION
14
VSS
-
Signal Ground. 0.0 volts.
20
TEST
I
Test Mode. Tie to VSS for normal operation.
28
VDD
-
Positive Supply. 5.0 volts.
REGISTER SUMMARY Table 4
REGISTER
ADDRESS
DESCRIPTION/FUNCTION
BVCR2
0000
Bipolar Violation Count Register 2. LSW of a 16-bit presettable counter that
records individual bipolar violations.
BVCR1
0001
Bipolar Violation Count Register 1. MSW of a 16-bit presettable counter that
records individual bipolar violations.
CRCCR
0010
CRC Error Count Register. 8-bit presettable counter that records CRC6 errored
words in the 193E frame mode.
OOFCR
0011
OOF Count Register. 8-bit presettable counter that records OOF events. OOF
events are defined by RCR1.5 and RCR1.6.
FECR
0100
Frame Error Count Register. 8-bit presettable counter that records individual
bit errors in the framing pattern.
RSR1
0101
Receive Status Register 1. Reports alarm conditions.
RIMR1
0110
Receive Interrupt Mask Register 1. Allows masking of individual alarm-
generated interrupts from RSR1.
RSR2
0111
Receive Status Register 2. Reports alarm conditions.
RIMR2
1000
Receive Interrupt Mask Register 2. Allows masking of individual alarm-
generated interrupts from RSR2.
RCR1
1001
Receive Control Register 1. Programs device operating characteristics.
RCR2
1010
Receive Control Register 2. Programs device operating characteristics.
SERIAL PORT INTERFACE
The port pins of the DS2182A serve as a microprocessor/ microcontroller-compatible serial port. Eleven
on-board registers allow the user to update operational characteristics and monitor device status via a host
controller, minimizing hardware interfaces. The port on the DS2182A can be read from or written to at
any time. Serial port reads and writes are independent of T1 line timing signals RCLK, RPOS, and
RNEG. However, RCLK is needed in order to clear RSR1 and RSR2 after reads.
ADDRESS/COMMAND
Reading or writing the control, configuration or status registers requires writing one address/command
byte prior to transferring register data. The first bit written (LSB) of the address/command word specifies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com