Electronic Components Datasheet Search
  English  ▼

X  

DS2186 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2186
Description  Transmit Line Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2186 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2186 Datasheet HTML 1Page - Dallas Semiconductor DS2186 Datasheet HTML 2Page - Dallas Semiconductor DS2186 Datasheet HTML 3Page - Dallas Semiconductor DS2186 Datasheet HTML 4Page - Dallas Semiconductor DS2186 Datasheet HTML 5Page - Dallas Semiconductor DS2186 Datasheet HTML 6Page - Dallas Semiconductor DS2186 Datasheet HTML 7Page - Dallas Semiconductor DS2186 Datasheet HTML 8Page - Dallas Semiconductor DS2186 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS2186
Transmit Line Interface
DS2186
022798 1/11
FEATURES
• Line interface for T1 (1.544 MHz) and CEPT (2.048
MHz) primary rate networks
• On–chip transmit LBO (line build out) and line drivers
eliminate external components
• Programmable output pulse shape supports short–
and long–loop applications
• Supports bipolar and unipolar input data formats
• Transparent B8ZS and HDB3 zero code suppression
modes
• Compatible with DS2180A T1 and DS2181A CEPT
Transceivers DS2141A T1 and DS2143 E1 Control-
lers
• Companion to the DS2187 Receive Line Interface
and DS2188 T1/CEPT Jitter Attenuator
• Single 5V supply; low–power CMOS technology
PIN ASSIGNMENT
LF
VDD
VSS
LF
20–PIN DIP (300 MIL)
TAIS
ZCSEN
TCLKSEL
LEN0
LEN1
LEN2
TTIP
TRING
LCLK
LPOS
LNEG
TCLK
TPOS
TNEG
LB
MTIP
MRING
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ZCSEN
20–PIN SOIC (300 Mil)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LCLK
LPOS
LNEG
TCLK
TPOS
TNEG
LB
MTIP
MRING
TAIS
TCLKSEL
LEN0
LEN1
LEN2
VDD
TTIP
TRING
VSS
DESCRIPTION
The DS2186 T1/CEPT Transmit Line Interface Chip in-
terfaces user equipment to North American (T1–1.544
MHz) and European (CEPT–2.048 MHz) primary rate
communications networks. The device is compatible
with all types of twisted pair and coax cable found in
such networks.
Key on–chip components include: programmable wave
shaping circuitry, line drivers, remote loopback, and
zero suppression logic. A line–coupling transformer is
the only external component required.
Short loop (DSX–1, 0 to 655 feet) and long loop (CSU; 0
dB, –7.5 dB and –15 dB) pulse templates found in T1
applications are supported. Appropriate CCITT recom-
mendations are met in the CEPT mode.
Application areas include DACS, CSU, CPE, channel
banks, and PABX–to–computer interfaces such as DMI
and CPI. The DS2186 supports ISDN–PRI (Primary
Rate Interface) specifications.


Similar Part No. - DS2186

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS218 SYNOLOGY-DS218 Datasheet
627Kb / 5P
DiskStation DS218
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
T1 Transceiver
112099
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
CEPT Primary Rate Transceiver
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
T1 Line Monitor
More results

Similar Description - DS2186

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
LINE INTERFACE XFMR
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com