Electronic Components Datasheet Search
  English  ▼

X  

DS2223Z Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2223Z
Description  EconoRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2223Z Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2223Z Datasheet HTML 1Page - Dallas Semiconductor DS2223Z Datasheet HTML 2Page - Dallas Semiconductor DS2223Z Datasheet HTML 3Page - Dallas Semiconductor DS2223Z Datasheet HTML 4Page - Dallas Semiconductor DS2223Z Datasheet HTML 5Page - Dallas Semiconductor DS2223Z Datasheet HTML 6Page - Dallas Semiconductor DS2223Z Datasheet HTML 7Page - Dallas Semiconductor DS2223Z Datasheet HTML 8Page - Dallas Semiconductor DS2223Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS2223/DS2224
080598 5/10
TYPICAL CURRENT CONSUMPTION VS. BIT RATE Figure 6
10
µA
1
µA
100 nA
10 nA
5 nA
129 pC/BIT
4V @ +25
°C
10 bps
100 bps
1 kbps
10 kbps
100 kbps
BIT RATE
TYPICAL LEAKAGE CURRENT VS. TEMPERATURE Figure 7
VCC = 4.0V
15.0
12.0
9.0
6.0
3.0
0.0
–10
0
+10
+20
+30
+40
+50
+60
+70
TEMPERATURE (DEG. C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com