Electronic Components Datasheet Search
  English  ▼

X  

NFSW157A Datasheet(PDF) 15 Page - NICHIA CORPORATION

Part # NFSW157A
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157A Datasheet(HTML) 15 Page - NICHIA CORPORATION

Back Button NFSW157A Datasheet HTML 9Page - NICHIA CORPORATION NFSW157A Datasheet HTML 10Page - NICHIA CORPORATION NFSW157A Datasheet HTML 11Page - NICHIA CORPORATION NFSW157A Datasheet HTML 12Page - NICHIA CORPORATION NFSW157A Datasheet HTML 13Page - NICHIA CORPORATION NFSW157A Datasheet HTML 14Page - NICHIA CORPORATION NFSW157A Datasheet HTML 15Page - NICHIA CORPORATION NFSW157A Datasheet HTML 16Page - NICHIA CORPORATION NFSW157A Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NICHIA STS-DA1-1300B <Cat.No.110406>
14
CAUTIONS
(1) Storage
Conditions
Temperature
Humidity
Time
Before Opening Aluminum Bag
≤30°C
≤90%RH
Within 1 Year from Delivery Date
Storage
After Opening Aluminum Bag
≤30°C
≤70%RH
≤168hours
Baking
65±5°C
-
≥24hours
● This product is compliant to JEDEC MSL 3 or equivalent. See IPC/JEDEC STD-020 for the details of the moisture sensitivity levels.
● Interface delamination can occur due to vaporization and expansion of absorbed moisture
in the LED packages caused by soldering heat, which may result in degradation in optical performance.
To minimize moisture absorption into the products during the transportation and storage, the products are packed
in a moisture-proof aluminum bag. Desiccants (silica gel) inside the packing turn from blue to red as it absorbs moisture.
● After opening the moisture-proof aluminum bag, the products should be completed soldering process
within the range of the conditions above. If unused LEDs remain, they should be stored with desiccants (silica gel)
in hermetically sealed container. Nichia recommends using the original moisture-proof bag for storage.
● After the "Period After Opening" specified above, or if the desiccants (silica gel) are no longer blue, the products need to be baked.
Note that baking must only be done once.
● Customer is advised to keep the LEDs in an airtight container when not in use as exposure to a corrosive environment
might cause the plated metal parts of the product to tarnish, which might lead to difficulties in soldering and/or adverse effects
on optical characteristics. It is also recommended to return the LEDs to the original moisture proof bag
and seal the moisture proof bag again.
● After assembly and during use, silver plating can be affected by the corrosive gases emitted by components and materials
in close proximity of the LEDs within an end product, and the gases entering into the product from the external atmosphere.
The above should be taken into consideration when designing. After assembly and during use,
silver plating can be affected by the corrosive gases emitted by components and materials in close proximity of the LEDs
within an end product, and the gases entering into the product from the external atmosphere.
The above should be taken into consideration when designing. Resin materials, in particular, may contain substances
which affects on silver plating, such as halogen.
● Do not use sulfur-containing materials in commercial products. Some materials, such as seals and adhesives, may contain sulfur.
The extremely corroded or contaminated plating of LEDs might cause an open circuit. Silicone rubber is recommended
as a material for seals. Bear in mind, the use of silicones may lead to silicone contamination of electrical contacts
inside the products, caused by low molecular weight volatile siloxane.
● To avoid condensation, the products must not be stored in the areas where temperature and humidity fluctuate greatly.
(2) Directions for Use
● In designing a circuit, the current through each LED must not exceed the Absolute Maximum Rating specified for each LED.
It is recommended to use Circuit B which regulates the current flowing through each LED. In the meanwhile,
when driving LEDs with a constant voltage in Circuit A, the current through the LEDs may vary due to the variation
in Forward Voltage characteristics of the LEDs.
(A)
(B)
● This product should be operated in forward bias. A driving circuit must be designed
so that the product is not subjected to either forward or reverse voltage while it is off. In particular,
if a reverse voltage is continuously applied to the product, such operation can cause migration resulting in LED damage.
● For stabilizing the LED characteristics, it is recommended to operate at 10% of the rated current or higher.
● For outdoor use, necessary measures should be taken to prevent water, moisture and salt air damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com