Electronic Components Datasheet Search
  English  ▼

X  

PMF170XP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMF170XP
Description  20 V, 1 A P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMF170XP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMF170XP Datasheet HTML 1Page - NXP Semiconductors PMF170XP Datasheet HTML 2Page - NXP Semiconductors PMF170XP Datasheet HTML 3Page - NXP Semiconductors PMF170XP Datasheet HTML 4Page - NXP Semiconductors PMF170XP Datasheet HTML 5Page - NXP Semiconductors PMF170XP Datasheet HTML 6Page - NXP Semiconductors PMF170XP Datasheet HTML 7Page - NXP Semiconductors PMF170XP Datasheet HTML 8Page - NXP Semiconductors PMF170XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMF170XP
20 V, 1 A P-channel Trench MOSFET
PMF170XP
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
29 October 2013
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
1
2
3
SC-70 (SOT323)
017aaa094
S
D
G
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMF170XP
SC-70
plastic surface-mounted package; 3 leads
SOT323
7. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
PMF170XP
XD%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-12
12
V
VGS = -4.5 V; Tamb 25 °C
[1]
-
-1
A
ID
drain current
VGS = -4.5 V; Tamb = 100 °C
[1]
-
-0.7
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-4
A
[2]
-
290
mW
Tamb = 25 °C
[1]
-
360
mW
Ptot
total power dissipation
Tsp = 25 °C
-
1670
mW
Tj
junction temperature
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com