Electronic Components Datasheet Search
  English  ▼

X  

CXOXHT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CXOXHT
Description  High Temperature/High Shock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXOXHT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CXOXHT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
For applications with high operating temperatures such as downhole
instrumentation, rotary shaft sensors and underground boring tools.
Specifications are typical at 25°C unless otherwise indicated. Tighter
specifications are available, contact Euroquartz technical sales.
Supply Voltage:
+3.3 or +5.0Volts ±10%
Calibration Tolerance:
±50ppm or tighter as reqd.
Frequency Stability
25° ~ +150°C:
±100ppm
25° ~ +175°C:
±150ppm
25° ~ +225°C:
±175ppm
Supply Current (Typical)
3.3V
5.0V
24MHz:
3.0mA
8.0mA
32MHz:
5.0mA
10.0mA
50MHz:
6.0mA
14.0mA
Output Load (CMOS):
15pF
Start-up Time:
5ms max.
Rise/Fall Time:
10ns typical
Duty Cycle:
60/40%
Ageing first year:
±5ppm max. at 25°C
Ageing:
±100ppm max. at 200°C
Shock Survival
Standard:
3,000g, 0.3ms, ½ sine
HG version:
10,000g, 0.3ms, ½ sine
Vibration Survival:
20g, 10~2000Hz swept sine
Operating Temp. Range:
-55°C to 225°C
SPECIFICATION
FEATURES
High temperature operation up to 225°C
Excellent stability over temperature
Fast start-up
High shock resistance
CMOS/TTL compatible output
Low EMI emission
Hermetically sealed ceramic package
CXOXHT oscillators have two enable/disable options, designated E &
N. The E version has a tristate output and stops oscillating internally
when the output is placed in a high Z state. The N version does not
have the control pin, Pin1, connected internally so there is no
enable/disable function with this option.
CXOXHT HIGH TEMPERATURE OSCILLATORS
HOW TO ORDER CXOXHT OSCILLATORS
CXOXHT
4
S
HG
E
SM1
-
20.0M
– /
–
/
200
/
H
Blank
= standard
S = special
or custom
Enable/Disable
option E or N
Terminations
Blank = SM1 =Gold plated
SM3 = Solder dipped
SM5 = Solder dipped
(lead free)
Frequency
M = MHz
Calibration
Tolerance
at 25°C
in ppm
Total
Frequency
Tolerance
(±ppm)
Temp. Range
H = 25° to 200°C
S = customer
specified temp.
range
High Temperature/High Shock
Package Type
CXOMHT
CXOXHT
Shock Level
Blank =
standard
HG =
high shock
ENABLE/DISABLE OPTIONS (E/N)
Supply Voltage
4 = 3.3V
5 = 5.0V
Frequency
Stability
over
temperature
range
(±ppm)
OUTLINE & DIMENSIONS
1.0MHz to 50.0MHz
ENABLE/DISABLE OPTION E - FUNCTION TABLE
Enable (Pin1 High*)
Disable (Pin 1 Low)
Output
Frequency Output
High Z state
Oscillator
Oscillates
Stops
Current
500µA @25°C
3.2µA @25°C
*When Pin 1 is allowed to float it is held by an internal pull-up resistor
PACKAGING OPTIONS
CCXOXHT oscillators are available either tray packed <250pcs, or
tape and reel >250 pieces.
16mm tape, 178mm or 330mm reels (EIA 418).


Similar Part No. - CXOXHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOXHT STATEK-CXOXHT Datasheet
754Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
IQD Frequency Products ...
CXOXHT-1.2V IQD-CXOXHT-1.2V Datasheet
177Kb / 3P
Crystal Clock Oscillator Specification
CXOXHT-1.8V IQD-CXOXHT-1.8V Datasheet
178Kb / 3P
Crystal Clock Oscillator Specification
CXOXHT-3.3V IQD-CXOXHT-3.3V Datasheet
176Kb / 3P
Crystal Clock Oscillator Specification
logo
RSG Electronic Componen...
CXOXHT4SHGE RSG-CXOXHT4SHGE Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
More results

Similar Description - CXOXHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMHT STATEK-CXOMHT Datasheet
110Kb / 2P
High Temperature/High Stability/Fast Start-up/High Shock
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
High shock and vibration resistance
logo
STATEK CORPORATION
CXOMK STATEK-CXOMK Datasheet
298Kb / 2P
High Stability, High Shock Crystal Oscillator
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
Leaded Military Grade/High Shock
logo
EUROQUARTZ limited
LHTAT EUROQUARTZ-LHTAT Datasheet
108Kb / 1P
Leaded High Temperature/High Shock
SQXO2ATHG EUROQUARTZ-SQXO2ATHG Datasheet
166Kb / 2P
High Shock Oscillator
logo
Teledyne Technologies I...
412K TELEDYNE-412K Datasheet
217Kb / 3P
DPDT high-shock relay
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
High shock & vibration resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com