Electronic Components Datasheet Search
  English  ▼

X  

CX2 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX2
Description  Tape and Reel Dimensions for CX Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX2 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX2 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
CX CRYSTAL TAPE & REEL
Tape and Reel Dimensions for CX Crystals
Notes:
1. Reel drawing is for reference only
2. The centre hole (hub hole) is per EIA-481 standard 13mm size.
Carrier tape material: 3000 Black Conductive Polycarbonate
CRYSTAL
MAX. QUANTITIES PER REEL
Type
180mm
330mm
Orientation
CX1 SM
1000
4000
Random
CX2 SM
2000
8000
Single pad towards sprocket holes
CX3 SM
2000
8000
Random
CX4 SM
3000
12000
Random
CX4 SM (VP) 3000
12000
Dual pads towards sprocket holes
CX6 SM
2000
12000
Random
CX7 SM
3000
8000
Random
CX8 SM
2000
12000
Random
CX9 SM
3000
8000
Random
CX11 SM
3000
12000
Random
CX14 SM
3000
12000
Random
CX18 SM
4000
12000
Random
REEL SELECTION
Dim. = mm
P1
Ao
Bo
Tape Width
CX1
8.0
4.0
8.4
16
CX2
4.0
2.8
7.1
16
CX3
4.0
2.8
7.1
16
CX4
4.0
2.1
5.5
16
CX4 (VP)
4.0
2.1
5.5
16
CX6
4.0
2.8
7.1
16
CX7
4.0
2.3
4.4
16
CX8
4.0
2.8
7.1
16
CX9
4.0
1.8
4.5
16
CX11
4.0
1.8
3.6
12
CX14
4.0
2.9
3.6
12
CX18
4.0
1.8
3.6
12
PART TO PART INDEXING P , A & B DIMENSIONS
CRYSTAL ORIENTATION IN TAPE CAVITY
Top View
Bottom View
1
0
0


Similar Part No. - CX2

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CX2-B0-14-615-22A CARLINGTECH-CX2-B0-14-615-22A Datasheet
1Mb / 12P
CIRCUIT BREAKER
CX2-B0-14-620-22A CARLINGTECH-CX2-B0-14-620-22A Datasheet
1Mb / 12P
CIRCUIT BREAKER
CX2-S0-03-810-32A-0614 CARLINGTECH-CX2-S0-03-810-32A-0614 Datasheet
2Mb / 10P
Circuit Breaker
logo
Altech corporation
CX2.5 ALTECH-CX2.5 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
CX2.5/BU ALTECH-CX2.5/BU Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
More results

Similar Description - CX2

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
TSSOP-8 AOSMD-TSSOP-8 Datasheet
181Kb / 1P
Tape and Reel Dimensions
logo
EUROQUARTZ limited
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
CX MINIATURE CRYSTALS
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
CX MINIATURE CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com