Electronic Components Datasheet Search
  English  ▼

X  

2SC2954 Datasheet(PDF) 5 Page - NEC

Part # 2SC2954
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2954 Datasheet(HTML) 5 Page - NEC

  2SC2954 Datasheet HTML 1Page - NEC 2SC2954 Datasheet HTML 2Page - NEC 2SC2954 Datasheet HTML 3Page - NEC 2SC2954 Datasheet HTML 4Page - NEC 2SC2954 Datasheet HTML 5Page - NEC 2SC2954 Datasheet HTML 6Page - NEC 2SC2954 Datasheet HTML 7Page - NEC 2SC2954 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC2954
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S21e-FREQUENCY
S11e, S22e-FREQUENCY
CONDITION VCE = 10 V
IC = 50 mA
f = 0.1 to 1.0 GHz (STEP. 100 MHz)
CONDITION VCE = 10 V
IC = 50 mA
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
10
15 20
5.0
1.0
0.7
0.5
0.3
0.2
0.1 GHz
S12e-FREQUENCY
CONDITION VCE = 10 V
IC = 50 mA
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.1 0.15 0.20
0.05
0.1
0.7
0.5
0.3
0.2
0.1
GHz
1 GHz
1.0 GHz
0.1 GHz
0.1 GHz
S11e
S22e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com