Electronic Components Datasheet Search
  English  ▼

X  

LBS7035 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS7035
Description  70MHz SAW Filter 2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS7035 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS7035 Datasheet HTML 1Page - SIPAT Co,Ltd LBS7035 Datasheet HTML 2Page - SIPAT Co,Ltd LBS7035 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS7035
Rev. Date
2006-6-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
2MHz Bandwidth
Part Number: LBS7035
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.92
70
70.08
Insertion Loss
dB
-
24.6
26
1 dB Bandwidth
MHz
1.8
1.96
-
3 dB Bandwidth
MHz
2
2.3
-
40 dB Bandwidth
MHz
-
3.5
3.8
50 dB Bandwidth
MHz
-
3.7
-
Passband Variation
dB
-
0.3
0.7
Absolute Delay
usec
-
2.85
-
Phase Linearity(f0±0.9MHz)
deg
-
3
4
Group Delay Variation(f0±0.9MHz)
nsec
-
50
90
Ultimate Rejection
dB
50
56
-
Material Temperature coefficient
KHz/°C
0.07
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=(220+120)nH
L2=(330+39)nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
L2
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBS7035

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS7035 SIPAT-LBS7035 Datasheet
138Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS7035

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A14 SIPAT-LBS70A14 Datasheet
140Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A18 SIPAT-LBS70A18 Datasheet
140Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A22 SIPAT-LBS70A22 Datasheet
138Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A25 SIPAT-LBS70A25 Datasheet
138Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A35 SIPAT-LBS70A35 Datasheet
138Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A14 SIPAT-LBS70A14 Datasheet
145Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A18 SIPAT-LBS70A18 Datasheet
146Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A22 SIPAT-LBS70A22 Datasheet
256Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A33 SIPAT-LBS70A33 Datasheet
146Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS70A35 SIPAT-LBS70A35 Datasheet
143Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com