Electronic Components Datasheet Search
  English  ▼

X  

LBS07070 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07070
Description  69.99MHz SAW Filter 0.8MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07070 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07070 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07070 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07070 Datasheet HTML 3Page - SIPAT Co,Ltd LBS07070 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07070
Rev. Date
2005-4-18
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
69.99MHz SAW Filter
0.8MHz Bandwidth
Part Number: LBS07070
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.94
69.99
70.04
Insertion Loss
dB
18.5
20
1.5dB Bandwidth
MHz
0.8
0.87
3dB Bandwidth
MHz
0.91
40dB Bandwidth
MHz
1.15
1.20
50dB Bandwidth
MHz
1.23
Passband Variation
dB
0.7
1
Group Delay Variation(in Fc±0.4MHz)
nsec
700
Phase Linearity
(in Fc ±0.4 MHz)
deg
5
Absolute Delay
usec
9.51
Ultimate Rejection(outside Fc ±1.25 MHz)
dB
50
55
Input/Output SWR(1)at Fc
1.4
2
Source Impedance
ohm 
-
50
-
Load Impedance
ohm 
-
50
-
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
HQ04(73.28x19.94x6.5)
Notes:
(1)
with matching network
(2)
All specifications are based on the test circuit shown below
(3)
Electrical margin has been built into the design to account for the variations due to manufacturing
tolerances
(4)
This specification is valid for room temperature only
Matching Configuration
Typical component values:
L1 = 68nH
C1 = 150pF C11 = 3.6 pF
(minimum inductor Q = 50)
L2 = 100 nH
C2 = 100pF C22 = 3.6 pF


Similar Part No. - LBS07070

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07070 SIPAT-LBS07070 Datasheet
355Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
More results

Similar Description - LBS07070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS07073 ETC1-LBS07073 Datasheet
365Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
logo
SIPAT Co,Ltd
LBS07070 SIPAT-LBS07070 Datasheet
355Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
LBS07073 SIPAT-LBS07073 Datasheet
199Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS07096 SIPAT-LBS07096 Datasheet
347Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
LBS14077 SIPAT-LBS14077 Datasheet
309Kb / 3P
140MHz SAW Filter 0.8MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0693A TAI-SAW-TB0693A Datasheet
270Kb / 7P
SAW Filter 70MHz 0.8MHz BW (SMD 13.3횞6.5 mm)
TB1103A TAI-SAW-TB1103A Datasheet
101Kb / 7P
SAW Filter 137.5MHz 0.8MHz BW (SMD 7횞5 mm)
logo
SIPAT Co,Ltd
LBS07073 SIPAT-LBS07073 Datasheet
280Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS07096 SIPAT-LBS07096 Datasheet
353Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
LBS14077 SIPAT-LBS14077 Datasheet
315Kb / 3P
140MHz SAW Filter 0.8MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com