Electronic Components Datasheet Search
  English  ▼

X  

LBS07086 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07086
Description  70MHz SAW Filter 1.8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07086 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07086 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07086 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07086 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LBS07086
Rev. Date
2004-12-1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz
SAW Filter
1.8MHz Bandwidth
Part Number: LBS07086
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.95
70
70.05
Insertion Loss
dB
19
21
3 dB Bandwidth
MHz
1.75
1.8
1.85
F0±1.3MHz
dBc
35
42
F0±1.5MHz
dBc
45
52
F0±1.9MHz
dBc
50
61
Selectivity
F0±5.9MHz
dBc
55
63
Absolute Delay
usec
3.876
4
Ultimate Rejection(f0±15MHz)
dBc
55
60
Passband Variation
dB
0.7
1
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS07086

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07086 SIPAT-LBS07086 Datasheet
145Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
More results

Similar Description - LBS07086

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBS07086 SIPAT-LBS07086 Datasheet
145Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
127Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS16021 SIPAT-LBS16021 Datasheet
137Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
LBS08603 SIPAT-LBS08603 Datasheet
256Kb / 3P
85.8MHz SAW Filter 1.8MHz Bandwidth
LBS10403 SIPAT-LBS10403 Datasheet
288Kb / 3P
104.1MHz SAW Filter 1.8MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
133Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS16021 SIPAT-LBS16021 Datasheet
148Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com