Electronic Components Datasheet Search
  English  ▼

X  

LBS07096 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07096
Description  69.99MHz SAW Filter 1.26MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07096 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07096 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07096 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07096 Datasheet HTML 3Page - SIPAT Co,Ltd LBS07096 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07096
Rev. Date
2006-4-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
69.99MHz SAW Filter
1.26MHz Bandwidth
Part Number: LBS07096
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.99
Insertion Loss
dB
17.8
20
Lower 1.5dB Bandedge
MHz
69.32
69.36
Upper 1.5dB Bandedge
MHz
70.62
70.64
Lower 14dB Bandedge
MHz
69.21
69.23
Upper 14dB Bandedge
MHz
70.73
70.77
Lower 25dB Bandedge
MHz
69.09
69.16
Upper25dB Bandedge
MHz
70.81
70.89
Passband Variation(69.375~70.605MHz)
dB
0.5
1
Phase Linearity(69.375~70.605MHz)
degree
5
8
Input VSWR at f0
1.3
1.92
Output VSWR at f0
1.1
1.92
Stopband Rejection(15~61MHz)
40
53
Stopband Rejection(61~68MHz)
30
35
Stopband Rejection(72~79MHz)
30
34
Stopband Rejection(79~140MHz)
40
45
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
24.64mmx8.99mmx1.75mm
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show


Similar Part No. - LBS07096

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07096 SIPAT-LBS07096 Datasheet
347Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
More results

Similar Description - LBS07096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS07073 ETC1-LBS07073 Datasheet
365Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBS07070 SIPAT-LBS07070 Datasheet
355Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
LBS07073 SIPAT-LBS07073 Datasheet
199Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS07096 SIPAT-LBS07096 Datasheet
347Kb / 4P
69.99MHz SAW Filter 1.26MHz Bandwidth
LBS21003 SIPAT-LBS21003 Datasheet
137Kb / 3P
210MHz SAW Filter 1.26MHz Bandwidth
LBS07070 SIPAT-LBS07070 Datasheet
361Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
LBS07073 SIPAT-LBS07073 Datasheet
280Kb / 3P
69.99MHz IF SAW Filter 1.23MHz Bandwidth
LBS21003 SIPAT-LBS21003 Datasheet
142Kb / 3P
210MHz SAW Filter 1.26MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com