Electronic Components Datasheet Search
  English  ▼

X  

LBS07203 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07203
Description  72MHz SAW Filter 0.3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07203 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07203 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07203 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07203 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07203
Rev. Date
2006-8-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
72MHz SAW Filter
0.3MHz Bandwidth
Part Number: LBS07203
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
71.95
72
72.05
Insertion Loss
dB
-
9
12.5
1 dB Bandwidth
MHz
-
0.24
-
3 dB Bandwidth
MHz
0.3
0.4
-
40 dB Bandwidth
MHz
-
1.11
1.3
50 dB Bandwidth
MHz
-
1.18
-
Passband Variation(f0±0.075MHz)
dB
-
0.1
1
Absolute Delay
usec
-
2.37
-
Ultimate Rejection
dB
40
52
-
Material Temperature coefficient
KHz/°C
0.072
Ambient Temperature
°C
25
Package Size
DIP2012
(20x12.5x4mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=220nH
C1=C2=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS07203

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
More results

Similar Description - LBS07203

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1118A TAI-SAW-TB1118A Datasheet
117Kb / 7P
SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
logo
SIPAT Co,Ltd
LBS09614 SIPAT-LBS09614 Datasheet
314Kb / 3P
96MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
142Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
143Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
196Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218E TAI-SAW-TA1218E Datasheet
452Kb / 9P
SAW Filter 2436MHz SMD 1.4X1.1 mm (BW=72MHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com