Electronic Components Datasheet Search
  English  ▼

X  

LBS07503 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07503
Description  75.64MHz SAW Filter 1.5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07503 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07503 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07503 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07503 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07503
Rev. Date
2004-12-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
75.64MHz SAW Filter
1.5MHz Bandwidth
Part Number: LBS07503
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
75.59
75.64
75.69
Insertion Loss
dB
22
25
3 dB Bandwidth
MHz
1.5
1.59
40 dB Bandwidth
MHz
2.56
2.7
Passband Variation
dB
0.6
1
Absolute Delay
usec
2.61
Ultimate Rejection
dB
48
50
Subatrate Material
quartz
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=220nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS07503

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07503 SIPAT-LBS07503 Datasheet
139Kb / 3P
75.64MHz SAW Filter 1.5MHz Bandwidth
More results

Similar Description - LBS07503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS7036 ETC1-LBS7036 Datasheet
287Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
logo
SIPAT Co,Ltd
LB070DS03 SIPAT-LB070DS03 Datasheet
210Kb / 2P
1.5MHz SAW Filter 70MHz Bandwid
LBS7036 SIPAT-LBS7036 Datasheet
138Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
LBS07503 SIPAT-LBS07503 Datasheet
139Kb / 3P
75.64MHz SAW Filter 1.5MHz Bandwidth
LBS13006 SIPAT-LBS13006 Datasheet
136Kb / 3P
130.75MHz SAW Filter 1.5MHz Bandwidth
LBS17501 SIPAT-LBS17501 Datasheet
138Kb / 3P
175.75MHz SAW Filter 1.5MHz Bandwidth
LBS7036 SIPAT-LBS7036 Datasheet
144Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
LBS13006 SIPAT-LBS13006 Datasheet
141Kb / 3P
130.75MHz SAW Filter 1.5MHz Bandwidth
LBS17501 SIPAT-LBS17501 Datasheet
143Kb / 3P
175.75MHz SAW Filter 1.5MHz Bandwidth
LBS22901 SIPAT-LBS22901 Datasheet
313Kb / 3P
228075MHz SAW Filter 1.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com