Electronic Components Datasheet Search
  English  ▼

X  

DS32KHZ Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS32KHZ Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ Datasheet HTML 9Page - Dallas Semiconductor DS32KHZ Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS32kHz
7 of 10
Figure 4 illustrates how a standard 32.768kHz crystal and the DS32kHz should be connected to address the
interchangeable option. Using this connection scheme and the recommended layout provides a solution, which
requires no hardware modifications. Only one device should be used at a time, and both layouts should be located
very close together if the recommended layout is not used.
The DS32kHz ICC and IBAT currents are specified with no output loads. Many RTC oscillator circuits use a quartz
crystal or resonator. Driving the oscillator circuit with the rail-to-rail output of the DS32kHz can increase the ICC and
IBAT currents significantly and increase the current consumption of the RTC as well. Figure 5 shows one circuit that
can be used to reduce the current consumption of a DS32kHz and an RTC. The values of R1 and C1 may vary
depending on the RTC used. However, values of 1.0M
W and 100pF are recommended as a starting point. R2 is
used to shift the input waveform to the proper level. The recommended value for R2 is 33k
W.
Figure 4. DS32kHz Connections
Figure 5. DS32kHz and RTC Connections
THIS SHOWS A CIRCUIT THAT CAN BE USED TO REDUCE
THE CURRENT CONSUMPTION OF A DS32kHz AND AN RTC.
THE STANDARD 32.768kHz CRYSTAL AND THE DS32kHz SHOULD BE CONNECTED TO ADDRESS THE
INTERCHANGEABLE OPTION.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com