Electronic Components Datasheet Search
  English  ▼

X  

LBS07903 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS07903
Description  79MHz SAW Filter 4MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07903 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS07903 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07903 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07903 Datasheet HTML 3Page - SIPAT Co,Ltd LBS07903 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07903
Rev. Date
2007-3-14
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
79MHz SAW Filter
4MHz Bandwidth
Part Number: LBS07903
Typical Performance
Frequency Respond
Passband Respond
65
70
75
80
85
90
-120.4575
-110.4575
-100.4575
-90.4575
-80.4575
-70.4575
-60.4575
-50.4575
-40.4575
-30.4575
-20.4575
Type Performance
Frequency(MHz)
3dB CF = 79.0466MHz
1dB = 3.8607MHz
3dB = 4.0292MHz
40dB = 4.6679MHz
Insert Loss = -30.4575dB
Passband Ripple = 0.66571dB
Ultimate Rejection = 49.2251dB
Group Delay = 91.7631ns
Phase Linearity = 3.5429deg
Absolute Delay = 4143.3493ns
Horizontal: 5MHz/Div
Vertical: 10dB/Div
70
72
74
76
78
80
82
84
86
88
-32.9575
-32.4575
-31.9575
-31.4575
-30.9575
-30.4575
-29.9575
-29.4575
-28.9575
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1.88MHz)
Phase Linearity(f0±1.88MHz)
75
76
77
78
79
80
81
82
83
3950
4000
4050
4100
4150
4200
4250
4300
4350
X: 79
Y: 4152
Type Performance
Frequency(MHz)
X: 77.13
Y: 4169
X: 80.88
Y: 4121
Horizontal: 1MHz/Div
Vertical: 50ns/Div
75
76
77
78
79
80
81
82
83
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 79
Y: 0.9482
Type Performance
Frequency(MHz)
X: 77.13
Y: 0.427
X: 80.88
Y: 0.2089
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com