Electronic Components Datasheet Search
  English  ▼

X  

LBS07907 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS07907
Description  78.9MHz SAW Filter 1.4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07907 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS07907 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07907 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07907 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS7907
Rev. Date
2013-12-20
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
78.9MHz SAW Filter
1.4MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS7907
S7907
S7907
S7907
Typical Performance
Frequency Response
Passband Response
70
72
74
76
78
80
82
84
86
88
-114.8715
-104.8715
-94.8715
-84.8715
-74.8715
-64.8715
-54.8715
-44.8715
-34.8715
-24.8715
-14.8715
Type Performance
Frequency(MHz)
76.5
77
77.5
78
78.5
79
79.5
80
80.5
81
-27.3715
-26.8715
-26.3715
-25.8715
-25.3715
-24.8715
-24.3715
-23.8715
-23.3715
-22.8715
-22.3715
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
78
78.5
79
79.5
80
2000
2500
3000
3500
4000
4500
X: 78.2
Y: 3097
Type Performance
Frequency(MHz)
X: 79.6
Y: 3040
78
78.2
78.4
78.6
78.8
79
79.2
79.4
79.6
79.8
80
-10
-5
0
5
10
X: 79.6
Y : 0.9992
Type Performance
Frequency(MHz)
X: 78.2
Y : 1.315
Horizontal: 0.5MHz/Div
Vertical: 500ns/Div
Horizontal: 0.2MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com