Electronic Components Datasheet Search
  English  ▼

X  

DS2890P Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2890P
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890P Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2890P Datasheet HTML 12Page - Dallas Semiconductor DS2890P Datasheet HTML 13Page - Dallas Semiconductor DS2890P Datasheet HTML 14Page - Dallas Semiconductor DS2890P Datasheet HTML 15Page - Dallas Semiconductor DS2890P Datasheet HTML 16Page - Dallas Semiconductor DS2890P Datasheet HTML 17Page - Dallas Semiconductor DS2890P Datasheet HTML 18Page - Dallas Semiconductor DS2890P Datasheet HTML 19Page - Dallas Semiconductor DS2890P Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
DS2890
16 of 27
RESUME COMMAND [A5H]
In a typical application the DS2890 may be accessed several times to complete a control adjustment. In a
multi-drop environment this means that the 64-bit ROM sequence of a Match ROM command has to be
repeated for every access. To maximize the data throughput in a multi-drop environment the Resume
Command function was implemented. As shown in Figure 19, this function checks the status of the RC
flag and, if it is set, directly transfers control to the potentiometer functions, similar to a Skip ROM
command. The only way to set the RC flag is through successfully executing the Match ROM, Search
ROM, Conditional Search ROM, or Overdrive Match ROM command. Once the RC flag is set, the
device can repeatedly be accessed through the Resume Command function. Accessing another device on
the bus will clear the RC flag, preventing two or more devices from simultaneously responding to the
Resume Command function.
POTENTIOMETER FUNCTION EXAMPLE
At regular speed with an auxiliary supply (VDD within range): turn on the charge pump, set the wiper
position to mid-point, increment the wiper twice, and decrement the wiper once.
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Reset Pulse (480 - 960
µs)
RX
Presence
Presence Pulse
TX
CCh
Issue Skip ROM Command
TX
55h
Issue Write Control Register Command
TX
4Ch
Issue Control Register value for WN=0, CPC=1
RX
<data byte>
Read back Control Register value (4Ch) and verify
TX
96h
Issue Release Code to update Control Register
RX
<data bits>
If 0’s are read, update was successful; if 1’s are read,
the update failed
TX
Reset
Reset Pulse (480 - 960
µs)
RX
Presence
Presence Pulse
TX
CCh
Issue Skip ROM Command
TX
0Fh
Issue Write Position Command
TX
7Fh
Write Wiper Position value
RX
<data byte>
Read back Wiper Position byte and verify
TX
96h
Issue Release Code to update Wiper Position
RX
<data bits>
If 0’s are read, update was successful; if 1’s are read,
the update failed
TX
Reset
Reset Pulse
RX
Presence
Presence Pulse
TX
CCh
Issue Skip ROM Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com