Electronic Components Datasheet Search
  English  ▼

X  

DS56 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS56 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS56 Datasheet HTML 1Page - Dallas Semiconductor DS56 Datasheet HTML 2Page - Dallas Semiconductor DS56 Datasheet HTML 3Page - Dallas Semiconductor DS56 Datasheet HTML 4Page - Dallas Semiconductor DS56 Datasheet HTML 5Page - Dallas Semiconductor DS56 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS56
6 of 6
102299
DS56 PHYSICAL DIMENSIONS
8-, 14-, AND 16-PIN SOIC (.150” BODY WIDTH)
PKG
8-PIN
14-PIN
16-PIN
DIM
MIN
MAX
MIN
MAX
MIN
MAX
A IN.
MM
0.053
1.35
0.069
1.75
0.053
1.35
0.069
1.75
0.053
1.35
0.069
1.75
A1 IN.
MM
0.004
0.10
0.010
0.25
0.004
0.10
0.010
0.25
0.004
0.10
0.010
0.25
A2 IN.
MM
0.048
1.24
0.062
1.57
0.048
1.24
0.062
1.57
0.048
1.24
0.062
1.57
b IN.
MM
0.012
0.030
0.020
0.50
0.012
0.30
0.020
0.50
0.012
0.30
0.020
0.50
C IN.
MM
0.007
0.17
0.011
0.28
0.007
0.17
0.011
0.28
0.007
0.17
0.011
0.28
D IN.
MM
0.188
4.78
0.196
4.98
0.337
8.55
0.344
8.74
0.386
9.80
0.393
9.98
e IN.
MM
0.050 BSC
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC
1.27 BSC
E1 IN.
MM
0.150
3.81
0.158
4.01
0.150
3.81
0.158
4.01
0.150
3.81
0.158
4.01
H IN.
MM
0.230
5.84
0.244
6.20
0.230
5.84
0.244
6.20
0.230
5.84
0.244
6.20
L IN.
MM
0.016
0.40
0.050
0.89
0.016
0.40
0.050
0.89
0.016
0.40
0.050
0.89
Θ
0°
8°
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com