Electronic Components Datasheet Search
  English  ▼

X  

DS60 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS60
Description  Micro-Centigrade Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS60 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS60 Datasheet HTML 1Page - Dallas Semiconductor DS60 Datasheet HTML 2Page - Dallas Semiconductor DS60 Datasheet HTML 3Page - Dallas Semiconductor DS60 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS60
3 of 4
102299
NOTES:
1. All voltages are referenced to ground, unless otherwise specified.
2. Solder according to IPC standards.
3. Specified for VO sourcing 1.0 µA (max).
4. Thermometer error (expressed in °C) is the difference between [VO(T) - 424]/6.25 and the DS60 case
temperature at VDD = 3.0V, thus taking into account sensor error, DC offset error, sensor amplifier
gain variations, and amplifier nonlinearity.
5. Nonlinearity is the maximum deviation of an ideal linear slope for a given DS60.
6. This is the typical drift following 3 consecutive passes through a vapor phase.
TYPICAL DS60 THERMOMETER ERROR Figure 1
TBD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com