Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS80C320 Datasheet HTML 1Page - Dallas Semiconductor DS80C320 Datasheet HTML 2Page - Dallas Semiconductor DS80C320 Datasheet HTML 3Page - Dallas Semiconductor DS80C320 Datasheet HTML 4Page - Dallas Semiconductor DS80C320 Datasheet HTML 5Page - Dallas Semiconductor DS80C320 Datasheet HTML 6Page - Dallas Semiconductor DS80C320 Datasheet HTML 7Page - Dallas Semiconductor DS80C320 Datasheet HTML 8Page - Dallas Semiconductor DS80C320 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
DS80C320/DS80C323
4 of 42
PIN DESCRIPTION Table 1
DIP
PLCC
TQFP
SIGNAL NAME
DESCRIPTION
40
44
38
VCC
VCC - +5V. (+3V DS80C323)
20
22, 23
16, 17
GND
GND - Digital circuit ground.
9
10
4
RST
RST - Input. The RST input pin contains a Schmitt voltage input to
recognize external active high Reset inputs. The pin also employs an
internal pulldown resistor to allow for a combination of wired OR
external Reset sources. An RC is not required for power-up, as the
device provides this function internally.
18
19
20
21
14
15
XTAL2
XTAL1
XTAL1, XTAL2 - The crystal oscillator pins XTAL1 and XTAL2
provide support for parallel resonant, AT cut crystals. XTAL1 acts
also as an input in the event that an external clock source is used in
place of a crystal. XTAL2 serves as the output of the crystal
amplifier.
29
32
26
PSEN
PSEN
- Output. The Program Store Enable output. This signal is
commonly connected to external ROM memory as a chip enable.
PSEN
will provide an active low pulse width of 2.25 XTAL1 cycles
with a period of four XTAL1 cycles. PSEN is driven high when data
memory (RAM) is being accessed through the bus and during a reset
condition.
30
33
27
ALE
ALE – Output. The Address Latch Enable output functions as a
clock to latch the external address LSB from the multiplexed
address/data bus. This signal is commonly connected to the latch
enable of an external 373 family transparent latch. ALE has a pulse
width of 1.5 XTAL1 cycles and a period of four XTAL1 cycles. ALE
is forced high when the device is in a Reset condition.
39
38
37
36
35
34
33
32
43
42
41
40
39
38
37
36
37
36
35
34
33
32
31
30
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD0-7 (Port 0) - I/O. Port 0 is the multiplexed address/data bus.
During the time when ALE is high, the LSB of a memory address is
presented. When ALE falls, the port transitions to a bi-directional
data bus. This bus is used to read external ROM and read/write
external RAM memory or peripherals. The Port 0 has no true port
latch and can not be written directly by software. The reset condition
of Port 0 is high. No pullup resistors are needed.
1-8
2-9
40-44
1-3
P1.0-P1.7
Port 1 - I/O. Port 1 functions as both an 8-bit bi-directional I/O port
and an alternate functional interface for Timer 2 I/O, new External
Interrupts, and new Serial Port 1. The reset condition of Port 1 is with
all bits at a logic 1. In this state, a weak pullup holds the port high.
This condition also serves as an input mode, since any external
circuit that writes to the port will overcome the weak pullup. When
software writes a 0 to any port pin, the device will activate a strong
pulldown that remains on until either a 1 is written or a reset occurs.
Writing a 1 after the port has been at 0 will cause a strong transition
driver to turn on, followed by a weaker sustaining pullup. Once the
momentary strong driver turns off, the port once again becomes the
output high (and input) state. The alternate modes of Port 1 are
outlined as follows:
Port
Alternate
Function
1
2
40
P1.0
T2
External I/O for Timer/Counter 2
2
3
41
P1.1
T2EX
Timer/Counter 2 Capture/Reload Trigger
3
4
42
P1.2
RXD1
Serial Port 1 Input
4
5
43
P1.3
TXD1
Serial Port 1 Output
5
6
44
P1.4
INT2
External Interrupt 2 (Positive Edge Detect)
6
7
1
P1.5
INT3
External Interrupt 3 (Negative Edge Detect)
7
8
2
P1.6
INT4
External Interrupt 4 (Positive Edge Detect)
8
9
3
P1.7
INT5
External Interrupt 5 (Negative Edge Detect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com