Electronic Components Datasheet Search
  English  ▼

X  

DS80CH11 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS80CH11
Description  System Energy Manager
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80CH11 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS80CH11 Datasheet HTML 17Page - Dallas Semiconductor DS80CH11 Datasheet HTML 18Page - Dallas Semiconductor DS80CH11 Datasheet HTML 19Page - Dallas Semiconductor DS80CH11 Datasheet HTML 20Page - Dallas Semiconductor DS80CH11 Datasheet HTML 21Page - Dallas Semiconductor DS80CH11 Datasheet HTML 22Page - Dallas Semiconductor DS80CH11 Datasheet HTML 23Page - Dallas Semiconductor DS80CH11 Datasheet HTML 24Page - Dallas Semiconductor DS80CH11 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DS80CH11
011200 21/88
INSTRUCTION SET SUMMARY Table 3–1 (cont’d)
Bit Manipulation
Instructions:
CLR C
1
4
ANL C, bit
2
8
CLR bit
2
8
ANL C, bit
28
SETB C
1
4
ORL C, bit
2
8
SETB bit
2
8
ORL C, bit
28
CPL C
1
4
MOV C, bit
2
8
CPL bit
2
8
MOV bit, C
2
8
Program Branching
Instructions:
ACALL addr 11
2
12
CJNE A, direct, rel
3
16
LCALL addr 16
3
16
CJNE A, #data, rel
3
16
RET
1
16
CJNE Rn, #data, rel
3
16
RETI
1
16
CJNE @ Ri, #data, rel
3
16
AJMP addr 11
2
12
NOP
1
4
LJMP addr 16
3
16
JC rel
2
12
SJMP rel
2
12
JNC rel
2
12
JMP @A+DPTR
1
12
JB bit, rel
3
16
JZ rel
2
12
JNB bit, rel
3
16
JNZ rel
2
12
JBC bit, rel
3
16
DJNZ Rn, rel
2
12
DJNZ direct, rel
3
16
The Table above shows the speed for each class of
instruction. Note that many of the instructions have mul-
tiple opcodes. There are 255 opcodes for 111 instruc-
tions. Of the 255 opcodes, 159 are three times faster
than the original 80C32. While a system than empha-
sizes those instructions will see the most improvement,
the large total number that receive a three to one
improvement assure a dramatic speed increase for any
system. The speed improvement summary is provided
below.
3.3
SPEED IMPROVEMENT
The following table summarizes the speed improve-
ment of the High Speed Micro core over a standard 12
clock / machine cycle 8052 device.
#Opcodes
Speed Improvement
159
3.0 x
51
1.5 x
43
2.0 x
2
2.4 x
255
Average: 2.5
3.4
INSTRUCTION SET ADDITIONAL
REFERENCES
The user should refer to the Dallas High Speed Micro
User’s Guide for a complete description of the instruc-
tion set including its address modes, coding, and timing
for the SEM.
3.5
RESET
The High–Speed Micro has three ways of entering a
reset state:
• Power–On / Fail Reset
• Watchdog Timer Reset
• External Reset
The operation of the CPU timing and states during a
reset are documented in the Dallas High Speed Micro
User’s Guide under the “Reset Conditions” section. The
Watchdog Timer reset is documented in the Watchdog
Timer section of the Dallas High Speed Micro User’s
Guide. The operation of the Power–On / Fail reset is
described in the Power Management section of this doc-
ument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com