Electronic Components Datasheet Search
  English  ▼

X  

APS750 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APS750
Description  PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS750 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APS750 Datasheet HTML 1Page - List of Unclassifed Manufacturers APS750 Datasheet HTML 2Page - List of Unclassifed Manufacturers APS750 Datasheet HTML 3Page - List of Unclassifed Manufacturers APS750 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
750 watts continuous AC output in inverter mode, 1500 watts continuous AC output in AC mode
Double Boost™ inverter output supports momentary start-up loads up to 200% of the continuous rating for up to 10 seconds
OverPower™ inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions.
(For best results, utilize OverPower usage for as short of a duration as possible, ensure battery bank and cabling is able to provide full
nominal DC voltage under load and allow inverter/charger to fully cool before and after OverPower usage.)
3 stage, 20 amp battery charger with adjustable settings for wet/gel battery types offers fast, reliable battery recharging
Protected hardwire bolt-down input lugs safely accept heavy gauge input wiring from attached battery bank
Two built-in NEMA 5-15R output receptacles pass 120V line power or inverter output through to connected equipment
Reliability enhanced large-transformer design with secure mounting flanges and protected DC wiring terminals
Moisture-resistant construction enables vehicular or marine operation in high humidity environments
3 position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to
maintain a full battery charge when AC is present without auto transfer and SYSTEM OFF settings.
Set of six front panel LEDs display AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault status
Set of 4 configuration dip-switches support wet/gel battery charging profiles, adjustable 135/145V high voltage auto transfer during
overvoltages and selectable 75/85/95/105V AC low voltage auto transfer during brownouts
Resettable 6A charger AC input breaker and resettable 8A AC output breaker and automatic 2 speed cooling fan protect the inverter from
load and temperature related failures
Grounding lug properly connects the inverter/charger system to earth ground or vehicle grounding system
Automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop
Front panel remote control connector enables remote off/on switching (requires APSRM4 switch accessory). Optional APSRM4 accessory
also includes user configurable jacks to support inverter shutoff or start-up as a vehicle ignition is engaged.
Specifications
OVERVIEW
Intended Application
Emergency Home Power
OUTPUT
Frequency
compatibility
60 Hz
Output watts
750
Continuous output
capacity (watts)
750
Peak output capacity
(watts)
1500
Output nominal
voltage
120V
Output voltage
regulation
LINE POWER (AC): Maintains 120V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 120 V AC (+/-5%).
Output frequency
regulation
60 Hz (+/- 0.3 Hz)
Overload protection
Includes 6A AC input breaker dedicated to the charging system and 8A output breaker for AC output loads
Outlet quantity / type
2 NEMA 5-15R
INPUT
Nominal Input
Voltage(s) Supported
120V AC
Recommended
Electrical Service
DC INPUT: Requires 12V DC input source capable of delivering 72A for the required duration (when used at full
continuous capacity - DC requirements increase during Over-Power and Double-Boost operation). AC INPUT: 15A
120V AC recommended
Maximum input
amps / watts
DC INPUT: Full continuous load - 72A at 12V DC. AC INPUT: 8 amps at 120VAC with full inverter and charger load
(4.2A max charger-only)
Input connection type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: NEMA 5-15P input plug



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com