Electronic Components Datasheet Search
  English  ▼

X  

DS9503P Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9503P
Description  ESD Protection Diode with Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9503P Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9503P Datasheet HTML 1Page - Dallas Semiconductor DS9503P Datasheet HTML 2Page - Dallas Semiconductor DS9503P Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
102199
SPECIAL FEATURES
§ Zener characteristic with voltage snap–back
to protect against ESD hits
§ High avalanche voltage, low leakage and low
capacitance avoid signal attenuation
§ Compatible to all 5V logic families
§ Space saving, low inductance TSOC surface
mount package
§ On–chip 5
Ω resistors for isolation at both
anode and cathode terminals
§ Industrial temperature range
SYMBOL AND CONVENTIONS
PACKAGE OUTLINE
ORDERING INFORMATION
DS9503P
6-lead TSOC package
DESCRIPTION
This DS9503 is designed as an ESD protection device for 1–Wire MicroLAN interfaces. In contrast to the
DS9502, the DS9503 includes two 5
Ω isolation resistors on chip. Although 5Ω are negligible during
communication, they represent a high impedance relative to the conducting diode during an ESD event.
Thus, the diode absorbs the energy while the resistors further isolate and protect the circuit at the other
side of the package. If used with circuits that already have a strong ESD–protection at their I/O port, the
ESD protection level is raised to more that 27 kV (IEC 801–2 Reference model). In case of abnormal
ESD hits beyond its maximum ratings the DS9503 will eventually fail “short” thus preventing further
damage.
During normal operation the DS9503 behaves like a regular 7.5V Zener Diode. When the voltage
exceeds the trigger voltage, the I/V characteristic of the device will “snapback” allowing the same or
higher amount of current to flow, but at a significantly lower voltage. As long as a minimum current or
voltage is maintained, the device will stay in the “snapback mode”. If the voltage or the current falls
below the holding voltage or holding current, the device will abruptly change to its normal mode and
conduct only a small leakage current.
VCA
A
IC
C
TSOC SURFACE MOUNT PACKAGE
3.7 X 4.0 X 1.5 mm
See Mech. Drawings
Section
6
1
5
2
4
3
TOP VIEW
DS9503
ESD Protection Diode with Resistors
www.dalsemi.com
SIDE VIEW


Similar Part No. - DS9503P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9503P+ MAXIM-DS9503P+ Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
DS9503P+TR MAXIM-DS9503P+TR Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
More results

Similar Description - DS9503P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Maxim Integrated Produc...
DS9503 MAXIM-DS9503 Datasheet
73Kb / 4P
ESD Protection Diode with Resistors
7/09
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
Nexperia B.V. All right...
IP4769CZ14 NEXPERIA-IP4769CZ14 Datasheet
233Kb / 12P
VGA interface ESD protection with integrated termination resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com