Electronic Components Datasheet Search
  English  ▼

X  

FC Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # FC
Description  CRYSTALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

FC Datasheet(HTML) 1 Page - EUROQUARTZ limited

  FC Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
32.7680kHz
DESCRIPTION
FC crystals are ultra-miniature SMD components specifically designed
to provide 32.768kHz for real-time clocks. Their ultra-small size and
rugged construction make them suitable for a wide range of
applications including battery powered, hand-held equipment and any
application requiring miniaturization.
Frequency 32.7680kHz
Ultra-miniature size 5.0 x 1.9 x 0.9mm SMD
Low mass and rugged construction
Supplied taped and reeled
OUTLINE & DIMENSIONS
Nominal Frequency:
32.7680kHz
Calibration Tolerance:
±20ppm of ±50ppm (standard)
Load Capacitance:
12.5pF standard or 7pF
Equivalent Series Resistance:
65kΩ maximum
Drive Level:
0.5µW maximum
Parabolic Coefficient:
-0.04ppm/°C2 maximum
Peak Temperature:
+25°±5°C
Shunt Capacitance (C0):
0.8pF typical
Motional Capacitance (C1):
1.9fF typical
Ageing:
±3ppm /year max. at +25°C
Insulation Resistance:
500MΩ min. @100VDC
Crystal Cut:
X-Cut
Operating Temperature Range:
-40° to +85°C
Storage Temperature Range:
-55°C to +125°C
Reflow Soldering:
10s max. @+260°C twice or
<230°C for 180 seconds
RoHS Status:
RoHS Compliant, pB free
Packaging:
16mm EIA tape and reel
3000 pieces per reel
SPECIFICATION
STABILITY OVER TEMPERATURE
X-Cut Crystal
FC CRYSTALS
5.0 x 1.9 x 0.9mm
32.7680
12.5
PH32768S
32.768kHz FC -12.5pF
32.7680
7
PH32768T
32.768kHz FC -7pF
Frequency
(kHz)
CL
(pF)
Stock
Number
EUROQUARTZ STOCK NUMBERS
Part Number


Similar Description - FC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
MIL-PRF-3098 MTRONPTI-MIL-PRF-3098 Datasheet
302Kb / 2P
QPL Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
EUROQUARTZ limited
95SMX EUROQUARTZ-95SMX Datasheet
133Kb / 1P
CRYSTALS
AG EUROQUARTZ-AG Datasheet
138Kb / 1P
CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com