Electronic Components Datasheet Search
  English  ▼

X  

LE333 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # LE333
Description  NOISE SUPPRESSION CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

LE333 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  LE333 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
Rated Voltage
275Vac (UL, cUL: 250V)
Features
Applications
Electrical Specifications
Operating Temperature: -55~+100°C
X2
C≤1μF
0.003max.
(f=10kHz)
C>1μF
0.002max.
(f=1kHz)
Line to Line
C≤2.2μF
1,250Vac
50/60Hz
60sec
C=3.3μF
1,000Vac
50/60Hz
60sec
Line to Case
2,000Vac
50/60Hz
60sec
Line to Line
103~334
15,000MΩmin.
474~225
5,000Ω•Fmin.
Line to Case
100,000MΩmin.
(at 100Vdc)
● Dimensions
● Circuit
LE
Series name Capacitance
● Model numbering system
● Metalized polypropylene film capacitor.
● Rated voltage 275Vac (UL, cUL 250V).
● Compact size.
● IEC/EN 60384-14 class X2.
● Designed mainly for suppressing noise occurring
in power line of electrical appliances.
UL
cUL
ENEC
:UL60384-14
:CSA E60384-14
:IEC/EN60384-14
E47474
E47474
SE/0142-1
Safety Standard
File No.
The "ENEC" mark is a common European product certification
mark based on testing to harmonised European safety standard.
The mark with #14 stands for SEMKO.
Safety
Standard
Class
Model
Number
Capacitance
μF±10%
Dimensions
WH
T
F
d
Dissipation
Factor
Insulation
Resistance
Test Voltage
LE103
LE153
LE223
LE333
LE473
LE683
LE104
LE154
LE224
LE334
LE474
LE684
LE105
LE155
LE225
LE335
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
30.0
30.5
25.5
17.5
17.0
12.0
10.5
4.5
11.5
11.5
5.5
5.5
14.0
6.5
15.0
19.5
22.0
24.5
28.0
27.5
8.0
17.5
9.5
8.5
10.5
12.0
15.0
18.0
11.0
5.0
10.0
15.0
22.5
27.5
0.6
0.8
W±0.5
φ d±0.05
F±0.5
Unit: mm
Before change to markings
After change to markings
LE SERIES
NOISE SUPPRESSION CAPACITOR


Similar Part No. - LE333

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LE333 OKAYA-LE333 Datasheet
334Kb / 1P
NOISE SUPPRESSION CAPACITOR
logo
LIGITEK electronics co....
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
HIGH VOLTAGE LED LAMPS
LE3330-PF LIGITEK-LE3330-PF Datasheet
127Kb / 6P
ROUND TYPE LED LAMPS
LE3331-PF LIGITEK-LE3331-PF Datasheet
110Kb / 6P
ROUND TYPE LED LAMPS
More results

Similar Description - LE333

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
NOISE SUPPRESSION CAPACITOR
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
NOISE SUPPRESSION CAPACITOR
3XYG1003 OKAYA-3XYG1003 Datasheet
73Kb / 1P
NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN_14 Datasheet
93Kb / 2P
NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com