| Electronic Components Datasheet Search |
|
C7NP2G683 Datasheet(PDF) 2 Page - Okaya Electric America, Inc. |
|
|
|||||||||||||||||||||||||||||
C7NP2G683 Datasheet(HTML) 2 Page - Okaya Electric America, Inc. |
|
2 / 3 page ![]() 37 C7NP SERIES HIGH PULSE CAPACITOR Electrical Specifications Operating Temperature: -40~+85°C Rated Voltage 2J (630VDC) 3B (1250VDC) 3C (1600VDC) Model Number C7NP2J103 C7NP2J153 C7NP2J223 C7NP2J333 C7NP2J473 C7NP2J683 C7NP2J104 C7NP2J154 C7NP2J224 C7NP2J334 C7NP2J474 C7NP2J684 C7NP2J105 C7NP2J155 C7NP2J225 C7NP2J335 C7NP2J475 C7NP2J685 C7NP3B472 C7NP3B682 C7NP3B103 C7NP3B153 C7NP3B223 C7NP3B333 C7NP3B473 C7NP3B683 C7NP3B104 C7NP3B154 C7NP3B224 C7NP3B334 C7NP3B474 C7NP3B684 C7NP3B105 C7NP3C102 C7NP3C152 C7NP3C222 C7NP3C332 C7NP3C472 C7NP3C682 C7NP3C103 C7NP3C153 C7NP3C223 C7NP3C333 C7NP3C473 Dissipation factor Test voltage Insulation resistance 0.001max. (at 1kHz) Rated Voltage x 1.75VDC (2~5sec) C≤0.33μF 50,000MΩmin. (at 20°C, 100VDC) C>0.33μF 20,000Ω•Fmin. (at 20°C, 100VDC) Capacitance μF 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 0.0001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 Dimensions (mm) W 17.0 17.0 17.0 17.0 17.0 17.0 25.0 25.0 25.0 30.0 30.0 30.0 30.5 41.0 49.5 59.5 59.5 59.5 17.0 17.0 25.0 25.0 25.0 25.0 25.0 30.0 30.0 30.5 41.0 41.0 41.0 59.5 59.5 17.0 17.0 17.0 25.0 25.0 25.0 25.0 25.0 30.0 30.0 30.0 HT 6.5 6.5 6.5 6.5 6.5 8.0 6.5 8.0 10.0 11.0 11.0 13.5 16.0 15.5 20.5 21.5 30.5 30.5 6.5 8.0 6.5 6.5 8.0 10.0 10.0 11.0 13.5 16.0 15.5 15.5 17.5 21.5 30.5 6.5 6.5 8.0 6.5 6.5 8.0 8.0 10.0 11.0 13.5 13.5 13.5 13.5 13.5 13.5 13.5 15.0 16.0 17.5 19.5 22.0 22.0 24.5 28.0 28.0 33.0 35.5 43.5 43.5 13.5 15.0 16.0 16.0 17.5 19.5 19.5 22.0 24.5 28.0 28.0 28.0 32.5 35.5 43.5 13.5 13.5 15.0 16.0 16.0 17.5 17.5 19.5 22.5 24.5 24.5 F 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 27.5 37.5 45.0 55.0 55.0 55.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 37.5 55.0 55.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 d 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 - - - - 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 - - 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Type a a a a a a a a a a a a a a b b b b a a a a a a a a a a a a a b b a a a a a a a a a a a It is possible to use from more than 85°C to 105°C by derating of rated voltage. :J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10% Metalized Polypropylene Film Capacitor |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |