Electronic Components Datasheet Search
  English  ▼

X  

2960 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2960
Description  Microwave Absorber Microwave Absorber
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2960 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2960 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2960 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2960 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microwave Absorber
Board Level Shield
global solutions :
local support
™
EMI-SPEC-MICRO-ABSORBLS-0706
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability, or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant
to the Laird Technologies domestic terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request.
Microwave Absorbers
Q-Zorb RFSW surface wave absorbers are thin, magnetically loaded elastomeric sheets
designed to provide attenuation at high angles of incidence for surface wave attenuation.
They are nominally manufactured in the thickness range of 0.010” to 0.125” (0.4mm to
3.2mm).
The elastomeric-based absorbers are available in a variety of choices. All of the parts
utilized in our ABLS product offering utilize our silicone elastomer which has a wide
temperature range (-60OF – 350OF).
Each of these products offers a UL-V0 rating and is RoHS compliant.
In the ABLS product offering, the absorber material is acting to reduce internal resonances
which often occur at higher frequencies. Although the data listed below shows electrical
performance from 2-18 GHz, the material offers shielding effectiveness from 1-40 GHz.
Part
Number
Product
Category
Elastomer
Type
Thickness
in (mm)
Frequency (GHz)
Range
2960
RFSW
Silicone
0.010” (0.3)
12-18
2234
RFSW
Silicone
0.020” (0.5)
12-18
2236
RFSW
Silicone
0.030” (0.8)
12-18
2238
RFSW
Silicone
0.040” (1.0)
8-12
2296
RFSW
Silicone
0.050” (1.3)
8-12
2240
RFSW
Silicone
0.060”(1.5)
8-12
2257
RFSW
Silicone
0.080” (2.0)
4-8
2272
RFSW
Silicone
0.100” (2.5)
2-4
2242
RFSW
Silicone
0.125” (3.2)
2-4
Material Options
Typical Material Performance
Standard Two-Piece Board Level Shields
Part
Number
Surface
Area
Overall
Dimension
Overall
Frame
Tape
Width
Tape
Pitch
Parts
Per Reel
Weight
(FR)
Weight
(CY)
BMIS-201-F
.2532 (163.102)
.538 x .476
(13.66 x 12.10)
.100
(2.54)
24 mm
20 mm
1000
0.3 g
0.2
BMIS-202-F
.4022 (259.212)
.650 x .650
(16.50 x16.50)
.142
(3.60)
32 mm
24 mm
700
0.5 g
0.4
BMIS-203-F
1.0332 (666.162)
1.032 x 1.032
(26.21 x 26.21)
.200
(5.08)
44 mm
32 mm
300
1.0 g
0.8
BMIS-204-F
1.5482 (998.562)
1.260 x 1.260
(32.00 x 32.00)
.236
(6.00)
44 mm
36 mm
225
1.6 g
1.1
BMIS-205-F
1.4612 (942.502)
1.500 x 1.000
(38.10 x 25.40)
.236
(6.00)
56 mm
44 mm
250
1.6 g
1.1
BMIS-206-F
1.8792 (1212.392)
1.450 x 1.326
(36.83 x 33.68)
.200
(5.08)
56 mm
40 mm
300
1.5 g
1.3
BMIS-209-F
2.9972 (1933.362)
1.747 x 1.747
(44.37 x 44.37)
.384
(9.75)
56 mm
56 mm
120
3.2 g
3.1
BMIS-210-F
2.0802 (13422)
1.732 x 1.201
(44.02 x 30.50)
.118
(3.00)
56 mm
40 mm
450
1.0 g
2.6
Standard Surface Mount Shields Two-Piece
Two-piece board level shields offer users the flexibility to inspect or repair shielded
components without having to risk board damage by removing the entire shield or incur
any tooling costs. Covers snap on and off with ease, which makes repair of the component
under the shield quicker and easier and reduces board re-work. Two-piece shields are
available unassembled*, and are designed to survive drop, shock and no-rattle tests.
*Pre-assembly is an option. Consult Sales.
Typical ReflectionLossPropertiesofQ-Zorb
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
Frequency (GHz)
2234 2238 2240 2016 2960
*Please consult sales and order the standard shield part number (BMIS-XXX-X) and note
the addition of the absorber part number (XXXX).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com