Electronic Components Datasheet Search
  English  ▼

X  

2240 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2240
Description  Microwave Absorber Microwave Absorber
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2240 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2240 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2240 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2240 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
global solutions :
local support
™
Microwave Absorber Board Level Shield
Laird Technologies Microwave Absorber Board Level Shields (ABLS)
technology for EMI shielding solutions utilizes a combination of Q-
Zorb RFSW surface wave absorbers and board level shields to create
a product design to meet specific application requirements.
Q-Zorb RFSW surface wave absorbers are thin, magnetically loaded
elastomeric sheets designed to provide emi protection at high
angles of incidence for surface wave attenuation.
Board level shields provide isolation of board level components,
minimizes crosstalk and susceptibility without impacting system
speed. This combination product incorporates a stamped metal
housing and an absorbing elastomer that is designed to meet the
specific needs of your application.
Features and Benefits:
• ABLS has enhanced shielding effectiveness at frequencies
from 1 – 40 Ghz
• Use inside of microwave housings to reduce internal resonance and
lower the "Q" of the microwave cavity
• Minimizes crosstalk and susceptibility without impacting system speed
• Effective in isolating antennas from ground plane reflections
• Custom shapes and other material options are available
• Provides isolation of board level components
• Low height down to 0.04” (1,0mm) to accommodate
mother/daughter board configurations
• Secure cover design is ideal for applications that could be subject to
shock and vibration
Applications
• Any application requiring board level shielding
• Wireless handsets, PC cards
• High frequency communications equipment, basestations
• PDAs
• Desktop and laptop computers
• Portable and non-portable electronic devices
Microwave Absorber
Board Level Shield
Engineered antenna, emi, telematics and thermal applications
or visit:
www.lairdtech.com
For sales information:
In Asia please telephone +86 755 2714 1166
In Europe please telephone +49 8031 2460 0
In the USA please telephone +1-800-843-4556


Similar Part No. - 2240

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2240 POMONA-2240 Datasheet
25Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
logo
Heyco.
2240 HEYCO-2240 Datasheet
106Kb / 1P
Snap Bushings
logo
Mascot AS
2240 MASCOT-2240 Datasheet
3Mb / 7P
1,3 A max out • 90-264 VAC input
Sep 17 2022
2240 MASCOT-2240 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Keystone Electronics Co...
2240 KEYSTONE-2240 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
More results

Similar Description - 2240

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
Surge Absorber
logo
TDK Electronics
YNA15B1J0G105MT000N TDK-YNA15B1J0G105MT000N Datasheet
124Kb / 7P
Noise Absorber
logo
Laird Tech Smart Techno...
DSF LSTD-DSF Datasheet
162Kb / 2P
Thin, Flexible, Weatherproof, Resonant Microwave Absorber
logo
Festo Corporation.
8161525 FESTO-8161525 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8161528 FESTO-8161528 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161532 FESTO-8161532 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161534 FESTO-8161534 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8131072 FESTO-8131072 Datasheet
72Kb / 1P
Shock absorber
12/6/22
8159473 FESTO-8159473 Datasheet
81Kb / 1P
Shock absorber
12/6/22
8160238 FESTO-8160238 Datasheet
77Kb / 1P
Shock absorber
12/6/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com