Electronic Components Datasheet Search
  English  ▼

X  

TST33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TST33
Description  Lower Voltage Disc Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TST33 Datasheet(HTML) 1 Page - Vishay Siliconix

  TST33 Datasheet HTML 1Page - Vishay Siliconix TST33 Datasheet HTML 2Page - Vishay Siliconix TST33 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 23091
Revision 14-May-02
www.vishay.com
18
GA, HK, HM, HY, TC, TG, TS Series
Vishay Cera-Mite
ceramite.support@vishay.com
Lower Voltage Disc Capacitors
VALUE
CATALOG
SIZE
TEMP.
pF
TOL.
NUMBER FIGURE CODE
COEF.
470
K
TST47
2
C
X7R
1000
K
TSD10
2
C
X7R
2200
K
TSD22
2
F
X7R
3300
K
TSD33
2
F
X7R
4700
K
TSD47
2
G
X7S
6800
K
TSD68
2
H
X7S
0.01µF K
TSS10
2
J
X7S
VALUE
CATALOG
SIZE
TEMP.
µF
TOL.
NUMBER FIGURE CODE
COEF.
.005
M
TGD50
1
E
Z5U
.01
M
TGS10
1
F
Z5U
.02
M
TGS20
1
G
Z5U
.022
M
TSS22
1
T
X7S
.047
M
TGS47
1
R
Z5U
.050
M
TGS50
1
R
Z5U
.10
M
TGP10
1
W
Z5U
VALUE
CATALOG
SIZE
TEMP.
pF
TOL.
NUMBER FIGURE CODE
COEF.
10
D
TSQ10
2
C
NP0
22
J
TSQ22
2
C
NP0
33
K
TSQ33
2
C
U2J
47
K
TSQ47
2
C
U2J
100
K
TST10
2
C
X7R
220
K
TST22
2
C
X7R
330
K
TST33
2
C
X7R
VOLTAGE
LEAD OFFSET
“LO” (nom)
CLASS
in
mm
100
.040
1.0
500
.040
1.0
1000
.050
1.3
mm
in
mm
in
6.4
.156
4.0
.250
7.4
.156
4.0
.250
8.4
.156
4.0
.250
9.4
.156
4.0
.250
10.2
.156
4.0
.250
11.2
.156
4.0
.250
11.7
.156
4.0
.250
12.4
.156
4.0
.250
12.4
.156
4.0
.375
13.5
.156
4.0
.375
14.2
.156
4.0
.375
mm
6.4
6.4
6.4
6.4
6.4
6.4
6.4
6.4
9.5
9.5
9.5
SIZE
DIAMETER
“D” MAX
THICKNESS
“T” MAX
CODE
in
mm
in
mm
in
mm
K
.630
16.0
.156
4.0
.375
9.5
L
.680
17.3
.156
4.0
.375
9.5
M
.760
19.3
.156
4.0
.375
9.5
P
.890
22.6
.156
4.0
.375
9.5
R
.510
13.0
.200
5.1
.375
9.5
U
.640
16.3
.200
5.1
.375
9.5
W
.700
17.8
.200
5.1
.375
9.5
X
.770
19.6
.200
5.1
.375
9.5
Y
.900
22.9
.200
5.1
.375
9.5
Q
.950
24.1
.200
5.1
.375
9.5
LEAD SPACING
“LS” FIG 1 & 3
T
.580
14.7
.200
5.1
.375
9.5
12V TO 1KV
Lower Voltage Capacitors are stocked in distribution. See “Packaging Options” section for other electrical and mechanical
options, including Tape & Reel.
Fig 2
Fig 1
Fig 3
STANDARD WIRE SIZE:
• C and E Sizes - 24 gauge (.020") Tinned Copper Clad
Steel Wire.
• F through Q Sizes - 22 gauge (.025") Tinned Copper Wire.
TAPE & REEL OPTIONS:
• Tape & Reel available on diameter sizes .250" to .680".
• To specify T & R, add two letter suffix to catalog
number for example: TGS10 QA-suffix describes alternate
wire lead forms & lead spacing options - see complete
description in “Packaging Options” section.
• 10,000 piece minimum shipment for T & R.
SIZE
CODE
C
E
E7
F
F7
G7
H
H3
H7
J
G
DIAMETER
“D” MAX
THICKNESS
“T” MAX
LEAD SPACING
“LS” FIG 1 & 3
in
.250
.290
.330
.370
.400
.440
.460
.490
.490
.530
.560
12/25/50/100V HYPERCON CONSTRUCTION HIGH-CAPACITANCE DISCS
• Application:
Low Voltage Bulk Filter
100 VDC, Y5S, 100 F, 3% DF
VALUE
CATALOG
SIZE
µF
TOL. NUMBER FIGURE CODE
.0022
M HMMD22
2
C
.0047
M HMMD47
2
C
.01
M HMMS10
3
E
.10
M HMMP10
1
L
50 VDC, Y5R, 25 F, 4% DF
VALUE
CATALOG
SIZE
µF
TOL.
NUMBER FIGURE CODE
.01
M
HY920
3
C
.022
M
HY925
3
E
.047
M
HY935
1
G
.10
M
HY950
1
H
25 VDC, Y5R, 5 F, 5% DF
VALUE
CATALOG
SIZE
µF
TOL.
NUMBER FIGURE CODE
.01
M
HY820
3
C
.022
M
HY825
3
E
.033
M
HY530
3
E
.047
M
HY835
3
F
.10
M
HY850
1
G
12 VDC, Y5R, 2.5 F, 5% DF
VALUE
CATALOG
SIZE
µF
TOL.
NUMBER FIGURE CODE
.05
Y
HY105
3
E
.10
M
HY110
1
G
.22
M
HY122
1
J
.47
M
HY147
1
P
563C Series
Class IV Dielectirc
** See “Application Data” section for limits on AC voltage.
100 VOLT GENERAL PURPOSE
• Application Range:
Up to 250 VDC, 75 VAC RMS**
• Insulation Resistance: 10,000 M
Ω minimum, 500ΩF
• Dissipation Factor: 3.0% maximum
562C Series
• Dielectric Strength:
750 VDC, 250 VAC RMS
D
Max
LO
T
Max
1.250” min (32)
0.125” max (3)
LS
D
Max
LO
T
Max
1.250” min (32)
0.125” max (3)
LS
.197”
(5.0)
D
Max
LO
T
Max
1.250” min (32)
0.125” max (3)
LS
Ω
Ω
Ω
Ω


Similar Part No. - TST33

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
TST3 AKM-TST3 Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
logo
Taiwan Semiconductor Co...
TST30122C TSC-TST30122C Datasheet
399Kb / 6P
30A, 120V Trench Schottky Rectifier
Version: A2405
TST30H100CW TSC-TST30H100CW Datasheet
215Kb / 5P
Trench Schottky Rectifier
logo
Inchange Semiconductor ...
TST30H100CW ISC-TST30H100CW Datasheet
294Kb / 2P
Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
TST30H120CW TSC-TST30H120CW Datasheet
215Kb / 5P
Trench Schottky Rectifier
More results

Similar Description - TST33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
561R VISHAY-561R Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
715C15DKD15 VISHAY-715C15DKD15 Datasheet
75Kb / 3P
High Voltage Disc Capacitors, Screw Mounting
21-Aug-08
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
09-Aug-2021
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com