Electronic Components Datasheet Search
  English  ▼

X  

HTXO Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HTXO
Description  Temperature Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HTXO Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HTXO Datasheet HTML 1Page - EUROQUARTZ limited HTXO Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
HTXO oscillators are designed to operate at ambient temperatures
<250°C.The rugged design consists of a high-shock crystal and a high
temperature CMOS integrated circuit packaged in a 7.5 x 5.0mm
surface-mount ceramic package.
OUTLINE & DIMENSIONS
FEATURES
Extended high temperature operation up to 250°C
3.3V or 5.0V supply voltages
Excellent stability over temperature
Fast start-up
CMOS output
Optional Enable/Disable function
Low EMI emission
250° HTXO OSCILLATOR
High Temperature Crystal Oscillator
1.5MHz to 50MHz
APPLICATIONS
Oil & gas downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
Frequency Range1:
1.5MHz to 50.0MHz
Supply Voltage:
+5.0Volts ±10% or
+3.3Volts ±5%
Calibration Tolerance2:
±100ppm
Frequency Stability
over Temperature3:
+250 ppm for 25°C to 250°C
Total Tolerance4:
±350ppm for 25°C to 250°C
Output Load (CMOS):
15pF
Start-up Time:
5ms max.
Rise/Fall Time:
10ns max.
Duty Cycle:
40% min., 60% max.
Shock, survival5:
Up to 30,000g, 0.5ms, ½ sine
Vibration, survival6:
20g, 10-2000Hz, swept sine
Operating Temperature Range7:
-55° up to 225°C
SPECIFICATION
PACKAGING OPTIONS
HTXO oscillators are available either tray packed (<250pcs) or tape
and reel (>250 pieces). 16mm tape, 178mm or 330mm reels per
EIA 418).
Current consumption typically 2mA at 8MHz, 3.3V, 250°C and
CLoad = 10pF
SUPPLY CURRENT
Page 1 of 2


Similar Part No. - HTXO

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
HTXO STATEK-HTXO Datasheet
116Kb / 2P
High Temperature Crystal Oscillator
logo
EUROQUARTZ limited
HTXO-225 EUROQUARTZ-HTXO-225 Datasheet
167Kb / 2P
High Temperature Crystal Oscillator 1.5MHz to 50MHz
HTXO-250 EUROQUARTZ-HTXO-250 Datasheet
171Kb / 2P
High Temperature Crystal Oscillator 1.5MHz to 50MHz
More results

Similar Description - HTXO

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-145CB KSS-TCXO-145CB Datasheet
165Kb / 1P
Temperature Compensated Crystal Oscillator
logo
List of Unclassifed Man...
M4511-SK20B ETC-M4511-SK20B Datasheet
82Kb / 2P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-502 VECTRON-TX-502 Datasheet
206Kb / 5P
Temperature Compensated Crystal Oscillator
TX-600 VECTRON-TX-600_10 Datasheet
372Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO506 VANLONG-TO506_13 Datasheet
39Kb / 1P
Temperature Compensated Crystal Oscillator
TO519 VANLONG-TO519_13 Datasheet
37Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
Temperature Compensated Crystal Oscillator
logo
NIHON DEMPA KOGYO
NT2520SB NDK-NT2520SB_18 Datasheet
612Kb / 1P
Temperature Compensated Crystal Oscillator
NT2520SD_18 NDK-NT2520SD_18_03 Datasheet
610Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com