Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 1 Page - Dc Components

Part # BY133
Description  TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BY133 Datasheet(HTML) 1 Page - Dc Components

  BY133 Datasheet HTML 1Page - Dc Components BY133 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QFDSJGJFQ RPFDJBLJRSR
Q
DC COMPONENTS CO., LTD.
SFDINJDBL RPFDJGJDBSJONROG RJLJDON QFDSJGJFQ
UOLSBHF QBNHF 2 6855 kg7555 Ugdkj DTQQFNS 2 635 Beh^i^
GFBSTQFR
/ Lgn \gjk
/ Lgn d^ZcZ`^
/ Lgn _ginZi] mgdkZ`^ ]igh
/ Ib`a \lii^fk \ZhZ[bdbkp
MFDIBNJDBL EBSB
/ DZj^? Mgd]^] hdZjkb\
/ Fhgop? TL >9U25 iZk^ _dZe^ i^kZi]Zfk
/ Mglfkbf` hgjbkbgf? Bfp
/ V^b`ak? 5388 `iZe
MBWJMTM QBSJNHR BNE FLFDSQJDBL DIBQBDSFQJRSJDR
QZkbf`j Zk 7: gD Ze[b^fk k^eh^iZkli^ lfd^jj gka^inbj^ jh^\b_b^]3
Rbf`d^ haZj^1 aZd_ nZm^1 ;5 Iq1 i^jbjkbm^ gi bf]l\kbm^ dgZ]3
Ggi \ZhZ\bkbm^ dgZ]1 ]^iZk^ \lii^fk [p 75,3
CX688
SIQT
FM:75
NOSFR ? M^Zjli^] Zk 6 MIY Zf] Zhhdb^] i^m^ij^ mgdkZ`^ g_ 935 mgdkj
Ebe^fjbgfj bf bf\a^j Zf] -ebddbe^k^ij.
MZobele Q^\lii^fk P^Zc Q^m^ij^ UgdkZ`^
MZobele QMR UgdkZ`^
MZobele ED Cdg\cbf` UgdkZ`^
MZobele Bm^iZ`^ GginZi] Q^\kb_b^] Dlii^fk
Zk SB @<:gD
P^Zc GginZi] Rli`^ Dlii^fk =38 ej jbf`d^ aZd_ jbf^2nZm^
jlh^ibehgj^] gf iZk^] dgZ] -KFEFD M^kag].
Oh^iZkbf` Zf] RkgiZ`^ S^eh^iZkli^ QZf`^
RXMCOL
UQQM
UED
JO
JGRM
SK1SRSH
UQMR
Ugdkj
Ugdkj
Ugdkj
Behj
635
85
2;:kg06<:
Behj
5
D
TNJSR
Sphb\Zd Sa^ieZd Q^jbjkZf\^
Q + KB
:5
5
D4 V
Zk QZk^] ED Cdg\cbf` UgdkZ`^
MZobele Gldd LgZ] Q^m^ij^ Dlii^fk Bm^iZ`^1 Gldd Dp\d^
38<:r->3:ee. d^Z] d^f`ka Zk S L @<:gD
UG
JQ
636
:35
85
lBehj
lBehj
MZobele ED Q^m^ij^ Dlii^fk
MZobele JfjkZfkZf^glj GginZi] UgdkZ`^ Zk 635B ED
Ugdkj
ASB @7:gD
ASB @ 655gD
:55
EO296
/ L^Z]? MJL2RSE2757F1 M^kag] 75= `lZiZfk^^]
/ PgdZibkp? Dgdgi [Zf] ]^fgk^j \Zkag]^ ^f]
Sphb\Zd Klf\kbgf DZhZ\bkZf\^ -Ngk^.
DK
6:
hG
CX688
FM:68
FM:6;
FM:75
6855
6;55
6=55
7555
>65
6655
6:;5
6955
6855
6;55
6=55
7555
-,.
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - BY133

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Bytes
BY133 BYTES-BY133 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - BY133

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
BY251 DCCOM-BY251 Datasheet
413Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1A1 CHONGQING-1A1 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N4001G CHONGQING-1N4001G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391G CHONGQING-1N5391G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391 CHONGQING-1N5391 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com