Electronic Components Datasheet Search
  English  ▼

X  

HGD36 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # HGD36
Description  Systeme modulaire a profiles ajoures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HGD36 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  HGD36 Datasheet HTML 1Page - Hammond Manufacturing Ltd. HGD36 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HGD18
25mm wide with mounting
flange
623
800
HGD34
75mm wide with mounting
flange
223
400
HGD35
75mm wide with mounting
flange
323
500
HGD36
75mm wide with mounting
flange
423
600
HGD38
75mm wide with mounting
flange
623
800
HGV 95
75mm wide with flush mount
bracket
950
n/a
HGV 115
75mm wide with flush mount
bracket
1150
1400*
HGV 135
75mm wide with flush mount
bracket
1350
1600*
HGV 155
75mm wide with flush mount
bracket
1550
1800*
HGV 175
75mm wide with flush mount
bracket
1750
2000*
HGV 195
75mm wide with flush mount
bracket
1950
2200*
* Requires 75mm wide Depth Grid Straps mounted in cabinet above
and below
Door Support Rails
Length
Fits HME
Part
Number
Description
Door
Width
HGDSR4
25mm wide with mounting
flange
248
400
HGDSR5
25mm wide with mounting
flange
348
500
HGDSR6
25mm wide with mounting
flange
448
600
HGDSR8
25mm wide with mounting
flange
648
800
HGDSR9
25mm wide with mounting
flange
748
900*
HGDSR10
25mm wide with mounting
flange
848
1000
* 900mm width refers to doors on 1800mm wide cabinet
Square hole Hardware
Part Number
Description
RCNIT
Cage nut insertion tool
1421CNA 25
25 of 10-32 cage nut
1421CNA 100
100 of 10-32 cage nut
1421D
25 of Panhead #10-32 Slot/Phillips x 0.5"
1421CND25
25 of ¼-20 cage nut
1421CND100
100 of ¼-20 cage nut
1421SP142025
25 of Panhead ¼-20 Slot/Phillips x 0.5"
1421CNB25
25 of M6 cage nut
1421CNB100
100 of M6 cage nut
1421CNBF100
100 of M6 front load cage nut
1421HPM625
25 of Hex/Phillips M6 screws x 12mm
Round Hole Hardware
Part Number
Description
1421HPTM525 25 of Hex/Phillips Threadrolling M5 screws x 12mm
1421CT25
25 of Pan/Phillips Threadrolling #12-24 screws x
0.5”
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com