Electronic Components Datasheet Search
  English  ▼

X  

BY296 Datasheet(PDF) 1 Page - Dc Components

Part # BY296
Description  TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BY296 Datasheet(HTML) 1 Page - Dc Components

  BY296 Datasheet HTML 1Page - Dc Components BY296 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 100 to 800 Volts
CURRENT - 2.0 Amperes
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BY296
THRU
BY299
DO-15
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
70
40
-65 to + 150
Amps
pF
0 C
UNITS
150
at Rated DC Blocking Voltage TA = 25
oC
Maximum Full Load Reverse Current Full Cycle Average,
.375*(9.5mm) lead length at T L = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
1.3
5.0
100
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
BY296
BY297
BY298
BY299
100
200
400
800
100
200
400
800
70
140
280
560
500
90
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - BY296

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
logo
EIC discrete Semiconduc...
BY296 EIC-BY296 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
GOOD-ARK Electronics
BY296 GOOD-ARK-BY296 Datasheet
48Kb / 2P
FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - BY296

ManufacturerPart #DatasheetDescription
logo
Dc Components
1F1 DCCOM-1F1 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BY396 DCCOM-BY396 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR101 DCCOM-FR101 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR151 DCCOM-FR151 Datasheet
442Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com