Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Dc Components

Part # DB3
Description  TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DB3 Datasheet(HTML) 1 Page - Dc Components

  DB3 Datasheet HTML 1Page - Dc Components DB3 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PARAMETERS
SYMBOL
DB3
DB4
UNITS
VOLT
28
35
Min
Breakover Voltage
+VBO, -VBO
32
40
Typ
36
45
Max
VOLT
Breakover Voltage Symmetry
(+VBO)-(-VBO)
3
3
Max
VOLT
Dynamic Breakback Voltage
VBO - VBR
5
5
Min
uA
Breakover Current
+IBO, -IBO
100
100
Max
Peak Pulse Current for
AMP
10uS, 120pps, TA<=40
oC
IP
2.0
2.0
Max
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
FEATURES
MECHANICAL DATA
* Case: Glass sealed case
* Mounting position: Any
* Weight: 0.15 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB3
THRU
DB4
DO-35
Dimensions in millimeters
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Lead: MIL-STD-202E, Method 208 guaranteed
* Glass passivalted three-layer for triggering thyristors.
* Low breakover current at breakover voltage.
* For use in thyristor phase-control circuit for lampdimming,
universal-motor speed control and heat controls.
0.52Ø
2.0MAX
25.0MIN
4.2MAX
25.0MIN
156
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com