Electronic Components Datasheet Search
  English  ▼

X  

NRSNA4I2 Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSNA4I2
Description  Chip Resistor Arrays/Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSNA4I2 Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSNA4I2 Datasheet HTML 1Page - NIC-Components Corp. NRSNA4I2 Datasheet HTML 2Page - NIC-Components Corp. NRSNA4I2 Datasheet HTML 3Page - NIC-Components Corp. NRSNA4I2 Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
17
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Chip Resistor Arrays/Networks
NRSN Series
Power Derating Curve: For operation above 70oC, power
rating must be derated according to the following chart:
Note 1:
Zero ohm versions (R<0.050 ohms)
are available in the following parts:
NRSNØ4I2ZOTR - 0.5A/element (no markings)
NRSNA4I2ZOTR - 0.5A/element (no markings)
NRSNØ4I4ZOTR - 0.5A/element (no markings)
NRSNA4I4ZOTR - 0.5A/element (marked “000”)
NRSNØ6I4ZOTR - 1.0A/element (marked “000”)
NRSNA6I4ZOTR - 1.0A/element (marked “000”)
NRSN12I4ZOTR - 1.5A/element (marked “000”)
1.6mm
NRSNA6I4
4 Elements
3.2mm
NRC06
(X4)
0603
CHIPS
1.6
4.7
0.8
Width
Suggested Minimum Spacing
0.5
100
80
60
40
20
0
-20
20
60
100
140°C
70
125°C
CIRCUIT SCHEMATICS
NRSNA4I2/
∅4I2
Circuit Type “I”
Isolated
NRSNA4I4/
∅4I
NRSNA6I/
∅6I & NRSN12I
Circuit Type “I”
Isolated
NRSN
∅6C8
Circuit Type “C”
Bussed/Common
10
9
8
7
6
1
2
3
4
5
NRSN
∅6D8
Circuit Type “D”
Bussed/Common
10
9
8
7
6
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com