Electronic Components Datasheet Search
  English  ▼

X  

NRSN06I4 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSN06I4
Description  Chip Resistor Arrays/Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSN06I4 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSN06I4 Datasheet HTML 1Page - NIC-Components Corp. NRSN06I4 Datasheet HTML 2Page - NIC-Components Corp. NRSN06I4 Datasheet HTML 3Page - NIC-Components Corp. NRSN06I4 Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Chip Resistor Arrays/Networks
FEATURES
• SUPER MINIATURE SIZE AND LOW PROFILE
• HIGH DENSITY PACKAGING OFFERS SIGNIFICANT SPACE SAVINGS
• LOWER PRODUCTION COSTS WITH LESS PLACEMENT (UP TO
8 RESISTORS IN ONE PACKAGE)
• STANDARD FOOTPRINTS MAKE CONVERSIONS EASY
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
SPECIFICATIONS
* Maximum allowable continuous voltage for all resistors is the
lower of the two values: “MAXIMUM WORKING VOLTAGE” as
specified, or
Power rating (WATTS) x Resistance (OHMS)
PART NUMBER SYSTEM (E-24 VALUES)
NRSN A 4I2 J 103 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: J=5%, G=2%, F=1%
Configuration Designator
(See circuit schematics and component
diagrams for explanation)
Termination Type (A=Convexed, Ø=Concave)
Series
NRSN Series
*See Part Number System for Details
Type
NRSNØ4I2
NRSNA4I2
NRSNØ4I4
NRSNA4I4
NRSNØ6I4 NRSNA6I4
Termination Type
Concave
Convex
Concave
Convex
Concave
Convex
Size W x L (mm)
1.0 x 1.0
1.0 x 1.0
1.0 x 2.0
1.0 x 2.0
1.6 x 3.2
No. of Resistors &
Circuit
2R Isolated
2R Isolated
4R Isolated
4R Isolated
4R Isolated
Power Rating per
Resistor @ +70°C
1/16 (.0625W)
1/16 (.0625W) 1/16 (.0625W) 1/16 (.0625W)
1/16 (.0625W)
Resistance Tolerance
J(±5%)
G(±2%)
F(±1%)
J(±5%)
G(±2%)
F(±1%)
J(±5%)
G(±2%)
J(±5%)
G(±2%)
F(±1%
J(±5%)
G(±2%)
J(5%)
G(2%)
F(±1%)
Resistance Range
3
Ω ~ 9.1Ω 10Ω ~ 1MΩ 10Ω ~ 1MΩ
1
Ω ~ 1MΩ
10
Ω ~ 1MΩ
1
Ω ~ 1MΩ
Temperature
Coeffieient
±650ppm
±250ppm
±250ppm
±200ppm
±200ppm
±200ppm
Maximum Working
Voltage*
25V
50V
Maximum Overload
Voltage
50V
100V
Operating
Temperature Range
-55°C ~ +125°C (derated as shown)
Type
NRSNØ6C
NRSNØ6D
NRSN12I4
Termination Type
Concave
Concave
Size W x L (mm)
3.1 x 6.4
3.0 x 5.1
No. of Resistors &
Circuit
8R Common
4R Isolated
Power Rating per
Resistor @ +70°C
1/8
(0.125W)
Resistance Tolerance
J (5%)
J (5%)
G (2%)
Resistance Range
100
Ω ~ 470KΩ 10Ω ~ 1MΩ 47Ω ~ 1MΩ
Temperature
Coeffieient
±200ppm
±200ppm
±200ppm
Maximum Working
Voltage*
50V
75V
Maximum Overload
Voltage
100V
125V
Operating
Temperature Range
-55°C ~ +125°C (derated as shown)
RoHS
Compliant
includes all homogeneous materials
PART NUMBER SYSTEM (E-96 VALUES)
NRSN A 4I2 F 1002 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 3 figures are significant,
4th digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: F=1%
Configuration Designator
(See circuit schematics and component
diagrams for explanation)
Termination Type (A=Convexed, Ø=Concave)
Series


Similar Part No. - NRSN06I4

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
Chip Resistor Arrays/Networks
NRSNA4I2 NIC-NRSNA4I2 Datasheet
106Kb / 4P
Chip Resistor Arrays/Networks
NRSNA4I2G103TRF NIC-NRSNA4I2G103TRF Datasheet
337Kb / 3P
Chip Resistor Arrays/Networks
NRSNA4I2J103TRF NIC-NRSNA4I2J103TRF Datasheet
337Kb / 3P
Chip Resistor Arrays/Networks
NRSNA4I4G103TRF NIC-NRSNA4I4G103TRF Datasheet
337Kb / 3P
Chip Resistor Arrays/Networks
More results

Similar Description - NRSN06I4

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
Chip resistor networks
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
Chip Resistor Arrays/Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
Thick Film Chip Resistor Arrays & Networks
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
logo
NIC-Components Corp.
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
Chip Resistor Arrays/Networks
logo
American Accurate Compo...
CRN168SU103JAM AAC-CRN168SU103JAM_17 Datasheet
1Mb / 5P
Resistor Arrays & Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com