Electronic Components Datasheet Search
  English  ▼

X  

OV2720 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV2720
Description  OV2720 full HD (1080p) product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2720 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV2720 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2720 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Quality 1080p HD Video for
Ultra-Compact Notebooks and Tablets
OV2720 fullHD(1080p)productbrief
lead free
available in
a lead-free
package
The OV2720 is the world's first 1/6-inch, native 1080p/30
high-definition (HD) CMOS image sensor designed for
notebook, tablet, webcam and video conferencing
applications. Built on our proprietary 1.4-micron OmniBSI™
pixel architecture, the OV2720 allows for extremely thin
camera modules with a z-height of 3.5 mm, while delivering
video conference quality 1080p HD video, making it an ideal
choice for the next generation of ultra-thin, HD video-
enabled notebooks and tablets.
A native HD sensor, the OV2720 offers optimal
performance because it does not suffer from degradation
or image artifacts due to scaling or cropping. Instead,
native HD enables full field of view video with optimized
image quality, sensitivity, color reproduction and clarity.
Enabled by OmniBSI architecture, the sensor achieves best-
in-class low-light sensitivity of 650 mV/lux-sec. Using a
binning feature, OV2720's low-light performance can be
double that of similar-sized VGA sensors, making it an ideal
choice for video conferencing and webcam applications.
The OV2720 supports multiple platform architectures and
controllers with both parallel and MIPI interfaces. It allows
system designers to leverage the same optoelectrical
design across various products and multiple market
segments to reduce product development time.
Exposure control, white balance and defective pixel
canceling are programmable through the SCCB interface. In
addition, OmniVision image sensors use proprietary sensor
technology to improve image quality by reducing or
eliminating common lighting and electrical sources of image
contamination, such as fixed pattern noise and smearing to
produce a clean, fully stable color image.
Find out more at www.ovt.com.


Similar Part No. - OV2720

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2722 OMNIVISION-OV2722 Datasheet
2Mb / 2P
OV2722 full HD (1080p) product brief
More results

Similar Description - OV2720

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2715-1E OMNIVISION-OV2715-1E Datasheet
1Mb / 2P
OV2715-1E full HD (1080p) product brief
OV2722 OMNIVISION-OV2722 Datasheet
2Mb / 2P
OV2722 full HD (1080p) product brief
OV9724 OMNIVISION-OV9724 Datasheet
1Mb / 2P
OV9724 720p HD product brief
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9728 OMNIVISION-OV9728 Datasheet
902Kb / 2P
OV9728 720p HD product brief
OV9770 OMNIVISION-OV9770 Datasheet
540Kb / 2P
OV9770 720p HD product brief
OV10626 OMNIVISION-OV10626 Datasheet
1,019Kb / 2P
OV10626 HD HDR product brief
OV10635 OMNIVISION-OV10635 Datasheet
1Mb / 2P
OV10635 HD HDR product brief
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com