Electronic Components Datasheet Search
  English  ▼

X  

FR107 Datasheet(PDF) 1 Page - Dc Components

Part # FR107
Description  TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FR107 Datasheet(HTML) 1 Page - Dc Components

  FR107 Datasheet HTML 1Page - Dc Components FR107 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR101
THRU
FR107
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 150
Amps
pF
0 C
UNITS
at Rated DC Blocking Voltage TA = 25
oC
Maximum Full Load Reverse Current Full Cycle
Average, .375*(9.5mm) lead length at T L = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
1.3
5.0
100
150
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
DO-41
FR101
FR102
FR103
FR104
FR105
FR106
FR107
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
80
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - FR107

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR107 SURGE-FR107 Datasheet
119Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Wing Shing Computer Com...
FR107 WINGS-FR107 Datasheet
297Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
FR107 WTE-FR107 Datasheet
46Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR107 ZOWIE-FR107 Datasheet
49Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR107 RECTRON-FR107 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results

Similar Description - FR107

ManufacturerPart #DatasheetDescription
logo
Dc Components
1F1 DCCOM-1F1 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BY396 DCCOM-BY396 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR151 DCCOM-FR151 Datasheet
442Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com