Electronic Components Datasheet Search
  English  ▼

X  

STM6519ALARUB6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM6519ALARUB6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519ALARUB6F Datasheet(HTML) 4 Page - STMicroelectronics

  STM6519ALARUB6F Datasheet HTML 1Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 2Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 3Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 4Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 5Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 6Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 7Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 8Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
List of figures
STM6519
4/25
Doc ID 022111 Rev 6
List of figures
Figure 1.
STM6519 logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
UDFN4 pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
UDFN6 pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
STM6519 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Typical application diagram - input, output and STM6519 device in one voltage
domain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Typical application diagram - STM6519 device in a different voltage domain than
input and output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Typical application diagram in different voltage domains - SR input in VBAT domain
like VCC totally disables the test mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
RST output without tREC option . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
RST output with tREC option . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
Supply current (ICC) vs. temperature (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Smart Reset delay (tSRC) vs. temperature (TA), tSRC = 4.0 s (typ.) . . . . . . . . . . . . . . . . . . 12
Figure 12.
Test mode entry voltage (VTEST) vs. temperature (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
Initial test mode time (tSRC-INI) vs. temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
UDFN4, 1.00 mm x 1.45 mm x 0.50 mm, 0.65 mm pitch package outline . . . . . . . . . . . . . 17
Figure 15.
Footprint recommendation for UDFN4, 1.00 mm x 1.45 mm x 0.50 mm, 0.65 mm pitch . . 18
Figure 16.
UDFN6, 1.00 mm x 1.45 mm x 0.50 mm, 0.50 mm pitch package outline . . . . . . . . . . . . . 19
Figure 17.
Footprint recommendation for UDFN6 1.00 mm x 1.45 mm x 0.50 mm, 0.50 mm pitch. . . 20
Figure 18.
Carrier tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
Pin 1 orientation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 20.
Package marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com