Electronic Components Datasheet Search
  English  ▼

X  

LBS08702 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS08702
Description  87MHz IF SAW Filter 2MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS08702 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS08702 Datasheet HTML 1Page - SIPAT Co,Ltd LBS08702 Datasheet HTML 2Page - SIPAT Co,Ltd LBS08702 Datasheet HTML 3Page - SIPAT Co,Ltd LBS08702 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS08702
Rev. Date
2007-05-29
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
87MHz IF SAW Filter
2MHz Bandwidth
Part Number: LBS08702
Typical Performance
Frequency Respond
Passband Respond
82
83
84
85
86
87
88
89
90
91
92
-114.9007
-104.9007
-94.9007
-84.9007
-74.9007
-64.9007
-54.9007
-44.9007
-34.9007
-24.9007
-14.9007
Type Performance
Frequency(MHz)
3dB CF = 87.0321MHz
1dB = 2.2321MHz
3dB = 2.4236MHz
35dB = 2.9797MHz
40dB = 3.0151MHz
45dB = 3.0556MHz
50dB = 3.1629MHz
55dB = 3.2332MHz
Insert Loss = -24.9007dB
Passband Ripple = 0.5487dB
Ultimate Rejection = 44.578dB
Group Delay = 166.4082ns
Phase Linearity = 4.1665deg
Absolute Delay = 4439.0464ns
Horizontal: 1MHz/Div
Vertical: 10dB/Div
84
85
86
87
88
89
90
-26.9007
-26.4007
-25.9007
-25.4007
-24.9007
-24.4007
-23.9007
-23.4007
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
84
85
86
87
88
89
90
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
X: 87
Y: 4411
Type Performance
Frequency(MHz)
X: 86
Y: 4453
X: 88
Y: 4465
Horizontal: 1MHz/Div
Vertical: 100ns/Div
84
85
86
87
88
89
90
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 87
Y: -0.7908
Type Performance
Frequency(MHz)
X: 88
Y: 0.719
X: 86
Y: 0.7764
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com