Electronic Components Datasheet Search
  English  ▼

X  

LBS09021 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS09021
Description  90MHz IF SAW Filter 4MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS09021 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS09021 Datasheet HTML 1Page - SIPAT Co,Ltd LBS09021 Datasheet HTML 2Page - SIPAT Co,Ltd LBS09021 Datasheet HTML 3Page - SIPAT Co,Ltd LBS09021 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS09021
Rev. Date
2007-08-01
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz IF SAW Filter
4MHz Bandwidth
Part Number: LBS09021
Typical Performance
Frequency Respond
Passband Respond
80
82
84
86
88
90
92
94
96
98
100
-117.4544
-107.4544
-97.4544
-87.4544
-77.4544
-67.4544
-57.4544
-47.4544
-37.4544
-27.4544
-17.4544
Type Performance
Frequency(MHz)
3dB CF = 90.0632MHz
1dB = 3.971MHz
3dB = 4.4067MHz
35dB = 5.1581MHz
40dB = 5.2073MHz
45dB = 5.2476MHz
50dB = 5.2838MHz
55dB = 5.3141MHz
Insert Loss = -27.4544dB
Pas sband Ripple = 0.69767dB
Ultimate Rejection = 52.2476dB
Group Delay = 114.2171ns
Phase Linearity = 3.5154deg
Delay = 3.8543us
Horizontal: 2MHz/Div
Vertical: 10dB/Div
87
88
89
90
91
92
93
-29.4544
-28.9544
-28.4544
-27.9544
-27.4544
-26.9544
-26.4544
-25.9544
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2MHz)
Phase Linearity(f0±2MHz)
86
87
88
89
90
91
92
93
94
3400
3500
3600
3700
3800
3900
4000
4100
X: 90
Y: 3878
Type Performance
Frequency(MHz)
X: 88
Y: 3858
X: 92
Y: 3857
Horizontal: 1MHz/Div
Vertical: 100ns/Div
86
87
88
89
90
91
92
93
94
-12
-10
-8
-6
-4
-2
0
2
4
6
8
X: 90
Y: -0.5404
Type Performance
Frequency(MHz)
X: 92
Y: -1.342
X: 88
Y: -0.01785
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com