Electronic Components Datasheet Search
  English  ▼

X  

L730FO Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L730FO
Description  Turnlok Locking Devices Flanged Inlets Outlets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L730FO Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L730FO Datasheet HTML 1Page - List of Unclassifed Manufacturers L730FO Datasheet HTML 2Page - List of Unclassifed Manufacturers L730FO Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NEMA
L6-30R
NEMA
L7-30R
H-11
All devices listed on this page conform to NEMA WD-1 and WD-6.
Turnlok® Locking Devices
Receptacles, Connectors, Plugs, Inlets, Outlets
3 Wire Grounding 30A, 125 & 250V, 277VAC
3rd Party Compliance
FSUL
UL498
WC596
CSA
NEMA
Catalog
Rating
Cord
Config.
Number
A. V.
Description/Color
Diameter
No.
Receptacles
L530-R
30 125
Single Receptacle
L5-30R
••
•
IGL530-R
30 125
Single Receptacle, Orange
L5-30R
••
CRL530-R
30 125
Single Receptacle,
L5-30R
••
•
Corrosion-Resistant
L630-R
30 250
Single Receptacle
L6-30R
••
•
IGL630-R
30 250
Single Receptacle, Orange
L6-30R
••
L730-R
30 277*
Single Receptacle
L7-30R
••
•
Connectors IP20 Suitability
L530-C
30 125
Black Back, White Front Body
.385"-1.150" L5-30R
••
•
L530-CBK
30 125
Black Back, Black Front Body
.385"-1.150" L5-30R
••
•
CRL530-C
30 125
Corrosion-Resistant,
.385"-1.150" L5-30R
••
•
Yellow Back,White Front Body
L630-C
30 250
Black Back, White Front Body
.385"-1.150" L6-30R
••
•
CRL630-C
30 250
Corrosion-Resistant,
.385"-1.150" L6-30R
••
•
Yellow Back,White Front Body
L730-C
30 277*
Black Back, White Front Body
.385"-1.150" L7-30R
••
•
Plugs IP20 Suitability
L530-P
30 125
Black Back, White Front Body
.385"-1.150" L5-30P
••
•
L530-PBK
30 125
Black Back, Black Front Body
.385"-1.150" L5-30P
••
•
CRL530-P
30 125
Corrosion-Resistant,
.385"-1.150" L5-30P
••
•
Yellow Back,White Front Body
L630-P
30 250
Black Back, White Front Body
.385"-1.150" L6-30P
••
•
CRL630-P
30 250
Corrosion-Resistant,
.385"-1.150" L6-30P
••
•
Yellow Back,White Front Body
L730-P
30 277*
Black Back, White Front Body
.385"-1.150" L7-30P
••
•
Flanged Inlets & Outlets
L530-FI
30 125
Gray Inlet
L5-30P
••
L530-FO
30 125
Gray Outlet
L5-30R
••
L630-FI
30 250
Gray Inlet
L6-30P
••
L630-FO
30 250
Gray Outlet
L6-30R
••
L730-FI
30 277*
Gray Inlet
L7-30P
••
L730-FO
30 277*
Gray Outlet
L7-30R
••
*AC only.
Reference Pages H-31 and H-32 for Accessories.
NEMA
L5-30R
NEMA
L5-30P
NEMA
L6-30P
NEMA
L7-30P
2 Pole, 3 Wire
30A Receptacle
L530, L630, L730-FI
2.42"
1.28"
1.61"
.23"
2.37"
3.28"
1.545"
2.296"
3.125"
L530, L630, L730-FO
2.260"
3.125"
.187"
1.750"
1.765"
120°
120°
2.718"
.187"
30A Plug
3.75"
2.57"
30A Connector
2.20"
3.33"
2.20"
1.36"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com