Electronic Components Datasheet Search
  English  ▼

X  

LBS09802 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS09802
Description  98.2MHz SAW Filter 2MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS09802 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS09802 Datasheet HTML 1Page - SIPAT Co,Ltd LBS09802 Datasheet HTML 2Page - SIPAT Co,Ltd LBS09802 Datasheet HTML 3Page - SIPAT Co,Ltd LBS09802 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS09802
Rev. Date
2007-4-3
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
98.2MHz SAW Filter
2MHz Bandwidth
Part Number: LBS09802
Typical Performance
Frequency Respond
Passband Respond
94
95
96
97
98
99
100
101
102
103
-114.0303
-104.0303
-94.0303
-84.0303
-74.0303
-64.0303
-54.0303
-44.0303
-34.0303
-24.0303
-14.0303
Type Performance
Frequency(MHz)
3dB CF = 98.2196MHz
1dB = 2.0489MHz
3dB = 2.2079MHz
30dB = 2.7377MHz
35dB = 2.7792MHz
40dB = 2.8178MHz
45dB = 2.8697MHz
50dB = 2.9207MHz
55dB = 3.3045MHz
Insert Loss = -24.0303dB
Passband Ripple = 0.54537dB
Ultimate Rejection = 46.6962dB
Group Delay = 159.4234ns
Phase Linearity = 4.574deg
Delay = 3852.2445ns
Horizontal: 1MHz/Div
Vertical: 10dB/Div
96
97
98
99
100
101
-26.0303
-25.5303
-25.0303
-24.5303
-24.0303
-23.5303
-23.0303
-22.5303
-22.0303
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
96
97
98
99
100
101
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
X: 98.2
Y: 3850
Type Performance
Frequency(MHz)
X: 99.2
Y: 3799
X: 97.2
Y: 3844
Horizontal: 1MHz/Div
Vertical: 100ns/Div
96
97
98
99
100
101
-15
-10
-5
0
5
10
15
X: 98.2
Y: 1.029
Type Performance
Frequency(MHz)
X: 99.2
Y: 1.32
X: 97.2
Y: -1.224
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com