Electronic Components Datasheet Search
  English  ▼

X  

LBS10403 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS10403
Description  104.1MHz SAW Filter 1.8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS10403 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS10403 Datasheet HTML 1Page - SIPAT Co,Ltd LBS10403 Datasheet HTML 2Page - SIPAT Co,Ltd LBS10403 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS10403
Rev. Date
2013-08-16
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
104.1MHz SAW Filter
1.8MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBS10403
LBS10403
LBS10403
LBS10403
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
104
104.1
104.2
Insertion Loss
dB
-
25.6
27
1.5dB Bandwidth
MHz
1.8
1.93
-
40dB Bandwidth
MHz
-
2.82
3
Ultimate Rejection(f0±5.9)
dB
50
52
-
Ultimate Rejection(f0±8.15)
dB
55
56
-
Passband Variation
dB
-
0.6
1.0
Absolute delay
us
-
3.2
-
Material Temperature coefficient
KHz/°C
0.10
Substrate Material
-
QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
85
Storage Temperature Range
°C
-45
-
105
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS10403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10401 SIPAT-LBS10401 Datasheet
147Kb / 3P
103.8MHz SAW Filter 3MHz Bandwidth
LBS10401 SIPAT-LBS10401 Datasheet
147Kb / 3P
103.8MHz SAW Filter 3MHz Bandwidth
LBS10402 SIPAT-LBS10402 Datasheet
129Kb / 3P
103.7MHz SAW Filter 3MHz Bandwidth
LBS10402 SIPAT-LBS10402 Datasheet
129Kb / 3P
103.7MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LBS10403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBS07086 SIPAT-LBS07086 Datasheet
145Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
127Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS16021 SIPAT-LBS16021 Datasheet
137Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
LBS07086 SIPAT-LBS07086 Datasheet
151Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
LBS08603 SIPAT-LBS08603 Datasheet
256Kb / 3P
85.8MHz SAW Filter 1.8MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
133Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS16021 SIPAT-LBS16021 Datasheet
148Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com