Electronic Components Datasheet Search
  English  ▼

X  

LBS10702 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS10702
Description  107MHz SAW Filter 2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS10702 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS10702 Datasheet HTML 1Page - SIPAT Co,Ltd LBS10702 Datasheet HTML 2Page - SIPAT Co,Ltd LBS10702 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS10702
Rev. Date
2006-4-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
107MHz SAW Filter
2MHz Bandwidth
Part Number: LBS10702
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
107.7
107.8
107.9
Insertion Loss
dB
-
24
27
1 dB Bandwidth
MHz
-
1.48
-
3 dB Bandwidth
MHz
1.55
1.65
1.7
35 dB Bandwidth
MHz
-
2.27
2.4
40 dB Bandwidth
MHz
-
2.31
-
45 dB Bandwidth
MHz
-
2.36
2.8
50 dB Bandwidth
MHz
-
2.42
3.6
55 dB Bandwidth
MHz
-
2.67
11.6
Passband Variation
dB
-
0.4
1
Absolute Delay
usec
-
3.9
4
Ultimate Rejection(f0±15MHz)
dB
55
56
-
Material Temperature coefficient
KHz/°C
0.1078
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=86nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
INPUT
50Ω
OUTPUT
50Ω
L2


Similar Part No. - LBS10702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10702 SIPAT-LBS10702 Datasheet
137Kb / 3P
107MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS10702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN10704 SIPAT-LBN10704 Datasheet
143Kb / 3P
107MHz SAW Filter 24MHz Bandwidth
LBN10705 SIPAT-LBN10705 Datasheet
187Kb / 3P
107MHz SAW Filter 21MHz Bandwidth
LBS10702 SIPAT-LBS10702 Datasheet
137Kb / 3P
107MHz SAW Filter 2MHz Bandwidth
LBN10708 SIPAT-LBN10708 Datasheet
150Kb / 3P
107MHz SAW Filter 24MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
107MHz SAW Filter 26MHz Bandwidth
LBN10704 SIPAT-LBN10704 Datasheet
149Kb / 3P
107MHz SAW Filter 24MHz Bandwidth
LBN10706 SIPAT-LBN10706 Datasheet
196Kb / 3P
107MHz SAW Filter 20MHz Bandwidth
LBN10707 SIPAT-LBN10707 Datasheet
153Kb / 3P
107MHz SAW Filter 26MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
107MHz SAW Filter 26MHz Bandwidth
LBN10710 SIPAT-LBN10710 Datasheet
194Kb / 3P
107MHz SAW Filter 7MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com