Electronic Components Datasheet Search
  English  ▼

X  

LBS10802 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS10802
Description  108MHz SAW Filter 1.65MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS10802 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS10802 Datasheet HTML 1Page - SIPAT Co,Ltd LBS10802 Datasheet HTML 2Page - SIPAT Co,Ltd LBS10802 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS10802
Rev. Date
2010-11-18
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
108MHz SAW Filter
1.65MHz Bandwidth
Part Number: LBS10802
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
108.3
108.4
108.5
Insertion Loss
dB
-
21
23
3 dB Bandwidth
MHz
1.55
1.65
-
F0±1.2MHz
dBc
30
37
-
F0±1.4MHz
dBc
40
49
-
F0±1.8MHz
dBc
50
62
-
Selectivity
F0±5.8MHz
dBc
55
58
-
Passband Variation
dB
-
0.5
1.5
Ultimate Rejection
dB
50
57
-
Absolute delay
usec
-
3.64
4
Subatrate Material
quartz
Ambient Temperature
°C
25
Package Size
DIP3512
(35.2x12.7x5.2mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration
L1=100nH
L2=56nH
L3=68nH
L4=56nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS10802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10802 SIPAT-LBS10802 Datasheet
144Kb / 3P
108MHz SAW Filter 1.65MHz Bandwidth
LBS10802 SIPAT-LBS10802_10 Datasheet
127Kb / 3P
108MHz SAW Filter 1.65MHz Bandwidth
More results

Similar Description - LBS10802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
70MHz SAW Filter 25MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
70MHz SAW Filter 13.35MHz Bandwidth
LBS10802 SIPAT-LBS10802 Datasheet
144Kb / 3P
108MHz SAW Filter 1.65MHz Bandwidth
LBS10802 SIPAT-LBS10802_10 Datasheet
127Kb / 3P
108MHz SAW Filter 1.65MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com