Electronic Components Datasheet Search
  English  ▼

X  

LBS11510 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS11510
Description  115MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11510 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS11510 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11510 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11510 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11510
Rev. Date
2006-8-25
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
4MHz Bandwidth
Part Number: LBS11510
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.94
115
115.06
Insertion Loss
dB
-
24.2
27
1 dB Bandwidth
MHz
3.69
3.73
-
3 dB Bandwidth
MHz
-
3.94
-
40 dB Bandwidth
MHz
-
4.78
-
45 dB Bandwidth
MHz
-
4.82
4.9
Passband Variation
dB
-
0.4
1
Absolute Delay
usec
-
3.6
4
Ultimate Rejection(f0±4MHz)
dB
50
52
-
Material Temperature coefficient
KHz/°C
0.115
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=150nH L2=68nH
L3=56nH
C1=36pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L3
L2


Similar Part No. - LBS11510

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS11510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
115MHz SAW Filter 0.22MHz Bandwidth
logo
SIPAT Co,Ltd
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
115MHz SAW Filter 26MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
140Kb / 3P
115MHz SAW Filter 1MHz Bandwidth
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
139Kb / 3P
115MHz SAW Filter 5MHz Bandwidth
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com