Electronic Components Datasheet Search
  English  ▼

X  

LDC30F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LDC30F
Description  Universal input (AC85-264V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDC30F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LDC30F Datasheet HTML 1Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 2Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
¡DERATING CURVE
¡OVERCURRENT CHARACTERISTICS (LDC30F-1)
¡RISE TIME & FALL TIME (LDC30F-1)
¡STATIC CHARACTERISTICS (LDC30F-1)
LDC
F-19
LDC30F
External view
¶ Weight: 220g or less(without chassis and cover)
¶ Tolerance:
t1
¶ Dimensions in mm.
¶ PCB Material: Glass composite(CEM3)
¶ Chassis and cover is optional.
¶ Mounting torque: 0.6N·m(6.3kgf·cm)max
Performance data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com